Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2189TR7 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2189TR7
Description  GaAs HBT POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2189TR7 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2189TR7 Datasheet HTML 1Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 2Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 3Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 4Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 5Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 6Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 7Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 8Page - RF Micro Devices RFPA2189TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3 of 11
RFPA2189
DS140731
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance – 869MHz to 894MHz Application Circuit
-30
-25
-20
-15
-10
-5
0
0.860
0.865
0.870
0.875
0.880
0.885
0.890
0.895
0.900
Frequency (GHz)
S11 versus Frequency
-40°C
25°C
85°C
13
14
15
16
17
18
19
20
21
22
23
0.860
0.865
0.870
0.875
0.880
0.885
0.890
0.895
0.900
Frequency (GHz)
S21 versus Frequency
-40°C
25°C
85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.860
0.865
0.870
0.875
0.880
0.885
0.890
0.895
0.900
Frequency (GHz)
S12 versus Frequency
-40°C
25°C
85°C
-30
-25
-20
-15
-10
-5
0
0.860
0.865
0.870
0.875
0.880
0.885
0.890
0.895
0.900
Frequency (GHz)
S22 versus Frequency
-40°C
25°C
85°C
19
21
23
25
27
29
0.860
0.865
0.870
0.875
0.880
0.885
0.890
0.895
0.900
Frequency (GHz)
P1dB versus Frequency
+25°C
-40°C
+85°C
0
1
2
3
4
5
0.860
0.865
0.870
0.875
0.880
0.885
0.890
0.895
0.900
Frequency (GHz)
NF versus Frequency
+25°C
+85°C


Similar Part No. - RFPA2189TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2189TR7 RFMD-RFPA2189TR7 Datasheet
863Kb / 11P
   GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
More results

Similar Description - RFPA2189TR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
RF Micro Devices
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
logo
Analog Devices
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
   GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
logo
RF Micro Devices
RFPA3800 RFMD-RFPA3800 Datasheet
2Mb / 12P
   GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com