Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZT849 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # FZT849
Description  30V NPN MEDIUM POWER HIGH CURRENT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT849 Datasheet(HTML) 6 Page - Diodes Incorporated

  FZT849_16 Datasheet HTML 1Page - Diodes Incorporated FZT849_16 Datasheet HTML 2Page - Diodes Incorporated FZT849_16 Datasheet HTML 3Page - Diodes Incorporated FZT849_16 Datasheet HTML 4Page - Diodes Incorporated FZT849_16 Datasheet HTML 5Page - Diodes Incorporated FZT849_16 Datasheet HTML 6Page - Diodes Incorporated FZT849_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT849
Document number: DS33173 Rev. 4 - 2
6 of 7
www.diodes.com
June 2015
© Diodes Incorporated
FZT849
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
A1
A
D
b
e
e1
b1
C
E1
L
0°-10°
Q
E
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2


Similar Part No. - FZT849_16

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FZT849 KEXIN-FZT849_15 Datasheet
762Kb / 3P
   NPN Transistors
logo
Diodes Incorporated
FZT849 DIODES-FZT849_15 Datasheet
72Kb / 3P
   ELECTRICAL CHARACTERISTICS
More results

Similar Description - FZT849_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_16 Datasheet
437Kb / 7P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT23
FZT489 DIODES-FZT489_15 Datasheet
789Kb / 7P
   30V NPN MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZTX855 ZETEX-ZTX855 Datasheet
71Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX869 DIODES-ZTX869_15 Datasheet
71Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX849 DIODES-ZTX849_15 Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX855 DIODES-ZTX855 Datasheet
83Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX851 DIODES-ZTX851 Datasheet
73Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
ZTX851 ZETEX-ZTX851 Datasheet
62Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX857 DIODES-ZTX857_15 Datasheet
87Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com