Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ431 Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # CJ431
Description  Adjustable Accurate Reference Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

CJ431 Datasheet(HTML) 4 Page - Nanjing International Group Co

  CJ431 Datasheet HTML 1Page - Nanjing International Group Co CJ431 Datasheet HTML 2Page - Nanjing International Group Co CJ431 Datasheet HTML 3Page - Nanjing International Group Co CJ431 Datasheet HTML 4Page - Nanjing International Group Co CJ431 Datasheet HTML 5Page - Nanjing International Group Co CJ431 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
-20
-16
-12
-8
-4
0
-40
-20
0
2040
6080
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
V
KA=36V
V
ref=0V
Off-State Cathode Current
versus Ambient Temperature
T
a, AMBIENT TEMPERATURE
( )
I
K=10mA
T
a=25
Change in Reference Input
Voltage versus Cathode Voltage
V
KA, CATHODE VOLTAGE
(V)
CJ431
Typical Characteristics
I
K=10mA
Reference Input Current versus
Ambient Temperature
T
a, AMBIENT TEMPERATURE
( )
Test Circuit for Ioff
Test Circuit for Iref
Test Circuit for VKA=Vref(1+R1/R2)+R1*Iref
4/6


Similar Part No. - CJ431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
logo
Jiangsu Changjiang Elec...
CJ431 JIANGSU-CJ431 Datasheet
138Kb / 2P
   Adjustable Accurate Reference Source
CJ431 JIANGSU-CJ431 Datasheet
109Kb / 2P
   Adjustable Accurate Reference Source
CJ431 JIANGSU-CJ431 Datasheet
47Kb / 1P
   Adjustable Accurate Reference Source
CJ431 JIANGSU-CJ431 Datasheet
865Kb / 5P
   Adjustable Accurate Reference Source
More results

Similar Description - CJ431

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
   Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
   Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
   Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
   Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
   Adjustable Accurate Reference Source
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com