Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9322 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9322
Description  Three-Phase Full-wave Sine-wave Brushless Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9322 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9322 Datasheet HTML 1Page - Anpec Electronics Coropration APX9322 Datasheet HTML 2Page - Anpec Electronics Coropration APX9322 Datasheet HTML 3Page - Anpec Electronics Coropration APX9322 Datasheet HTML 4Page - Anpec Electronics Coropration APX9322 Datasheet HTML 5Page - Anpec Electronics Coropration APX9322 Datasheet HTML 6Page - Anpec Electronics Coropration APX9322 Datasheet HTML 7Page - Anpec Electronics Coropration APX9322 Datasheet HTML 8Page - Anpec Electronics Coropration APX9322 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Feb., 2016
www.anpec.com.tw
3
APX9322
Sym bol
P aram eter
Range
Unit
V CC
V CC Pin Su pply Vo lta ge Range
6 to 18
V
VLA
LA Pins Input Vo ltag e
0 to V5VREG
V
VSET
S ET Pin s Input Volta ge
0 to V5VREG
V
VSEL
S EL P in Inp ut Voltage
0 to V5VREG
V
VSP1
S P1 Pin Input Vo ltag e
0 to V5VREG
V
VSP2
S P2 Pin Input Vo ltag e
0 to V5VREG
V
V MIN
MIN Pi n Inp ut Voltage Rang e
0 to V5VREG
V
VVSD
V SD P in Inp ut Voltage
0 to V5VREG
V
VVLIM
V LIM Pin Inpu t Volta ge
0 to V5VREG
V
VFR
FR P in In put Voltage
0 to V5VREG
V
TA
Amb ient Temp erature
-40 to 90
oC
T
J
Junction Tempera tu re
-4 0 to 1 25
oC
Recommended Operation Conditions(Note 5)
Note 5: Refer to the typical application circuit
APX9 322
S ymbol
Param eter
Te st Conditions
Min
Typ
Ma x
Unit
SUP PLY CURRENT
V5VREG
5V REG Pin Ou tp ut Voltage
I5VREG = -2 5mA
4.8
5
5.2
V
ICC1
O perating Curr ent
Rota tio n Mo de
4
5
6
mA
ICC2
O perating Curr ent
Lock P rotectio n Mo de
4
5
6
mA
OUTPUT DRIVERS
V
OL
Lo w- sid e Output Saturation Voltage
V
CC =12 V; IOUT=4 00mA
-
45
7 5
mV
VOH
High -si de Output Satura tio n Vol tage
VCC=12 V; IOUT=4 00mA
-
70
105
mV
VFG
FG Pin L ow Voltage
IFG=5mA
-
0.2
0.3
V
IFGL
FG Pin O ff L eakage Curr ent
VFG=12V
-
0.2
1
μ A
LOCK PROTECTIO N
VCTH
CT P in Hi gh Level Volta ge
2.7
3
3.2
V
V CTL
CT P in Low L evel Vo lta ge
0.8
1
1.2
V
ICT1
CT Cha rge Curren t
VCT=0.7 V
1.5
2
2.5
μ A
I
CT2
CT Discharg e Cu rrent
V
CT= 3.5 V
0 .1 5
0.2
0 .2 5
μ A
RCT
CT Cha rge/Disch arge Curre nt Ratio
8
10
1 2
-
START UP OS CILLATO R
V
SCH
S C Pin High L evel Vo ltag e
1
1.2
1.4
V
V SCL
S C Pin L ow Le ve l Vol tag e
0.5
0.6
0.7
V
I
SC1
S C Pin Cha rge Curren t
V
SC= 0V
2 0
40
5 0
μ A
ISC2
S C Pin Discharg e Cu rrent
VSC=2V
3 0
45
6 0
μ A
Electrical Characteristics (V
CC=12V, TA= 25
oC. unless otherwise specified)


Similar Part No. - APX9322

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9322 ANPEC-APX9322 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322AQAI-TRG ANPEC-APX9322AQAI-TRG Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322QAI-TRG ANPEC-APX9322QAI-TRG Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
More results

Similar Description - APX9322

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
logo
Toshiba Semiconductor
TB67B054FTG TOSHIBA-TB67B054FTG Datasheet
460Kb / 27P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2017-10-31
TC78B041FNG TOSHIBA-TC78B041FNG Datasheet
664Kb / 44P
   Sine-wave PWM Drive Three-phase Full Wave Brushless Motor Controller
2019-4-12
TB67B000HG TOSHIBA-TB67B000HG Datasheet
460Kb / 32P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
TB67B000FG TOSHIBA-TB67B000FG Datasheet
349Kb / 31P
   High voltage 3-Phase Full-Wave Sine-Wave PWM Brushless Motor Driver
2018-02-02
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com