Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC6545 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC6545
Description  32 Gbps Dual Channel Advanced Linear Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6545 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC6545 Datasheet HTML 13Page - Analog Devices HMC6545 Datasheet HTML 14Page - Analog Devices HMC6545 Datasheet HTML 15Page - Analog Devices HMC6545 Datasheet HTML 16Page - Analog Devices HMC6545 Datasheet HTML 17Page - Analog Devices HMC6545 Datasheet HTML 18Page - Analog Devices HMC6545 Datasheet HTML 19Page - Analog Devices HMC6545 Datasheet HTML 20Page - Analog Devices HMC6545 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
HMC6545
Rev. A | Page 17 of 23
Channel 0, Array B Register Set
Table 26. Register 0x20—Channel 0, Tap 0 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 0 enable
1
Channel 0 Tap 0 enable.
6
R/W
Tap 0 gain sign
1
Channel 0 Tap 0 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 0 gain
0x00
Channel 0 Tap 0 gain.
Table 27. Register 0x21—Channel 0, Tap 1 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 1 enable
1
Channel 0 Tap 1 enable.
6
R/W
Tap 1 gain sign
0
Channel 0 Tap 1 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 1 gain
0x04
Channel 0 Tap 1 gain.
Table 28. Register 0x22—Channel 0, Tap 2 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 2 enable
1
Channel 0 Tap 2 enable.
6
R/W
Tap 2 gain sign
1
Channel 0 Tap 2 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 2 gain
0x3F
Channel 0 Tap 2 gain.
Table 29. Register 0x23—Channel 0, Tap 3 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 3 enable
1
Channel 0 Tap 3 enable.
6
R/W
Tap 3 gain sign
0
Channel 0 Tap 3 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 3 gain
0x28
Channel 0 Tap 3 gain.
Table 30. Register 0x24—Channel 0, Tap 4 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 4 enable
1
Channel 0 Tap 4 enable.
6
R/W
Tap 4 gain sign
0
Channel 0 Tap 4 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 4 gain
0x04
Channel 0 Tap 4 gain.
Table 31. Register 0x25—Channel 0, Tap 5 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 5 enable
1
Channel 0 Tap 5 enable.
6
R/W
Tap 5 gain sign
1
Channel 0 Tap 5 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 5 gain
0x00
Channel 0 Tap 5 gain.
Table 32. Register 0x26, Channel 0, Tap 6 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 6 enable
1
Channel 0 Tap 6 enable.
6
R/W
Tap 6 gain sign
1
Channel 0 Tap 6 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 6 gain
0x00
Channel 0 Tap 6 gain.
Table 33. Register 0x27—Channel 0, Tap 7 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 7 enable
1
Channel 0 Tap 7 enable.
6
R/W
Tap 7 gain sign
1
Channel 0 Tap 7 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 7 gain
0x00
Channel 0 Tap 7 gain.
Table 34. Register 0x28—Channel 0, Tap 8 Settings, Array B Register
Bit
Type
Name
Default
Description
7
R/W
Tap 8 enable
1
Channel 0 Tap 8 enable.
6
R/W
Tap 8 gain sign
1
Channel 0 Tap 8 gain sign. 1 means positive, 0 means negative.
[5:0]
R/W
Tap 8 gain
0x00
Channel 0 Tap 8 gain.


Similar Part No. - HMC6545

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC654 HITTITE-HMC654 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC654 AD-HMC654 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
logo
Hittite Microwave Corpo...
HMC654LP2E HITTITE-HMC654LP2E Datasheet
212Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results

Similar Description - HMC6545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
[Old version datasheet]   USB3.1 10 Gbps Dual-Channel Linear Redriver
logo
NXP Semiconductors
PTN3944 NXP-PTN3944 Datasheet
577Kb / 42P
   Multi-channel PCIe 4.0 linear equalizer
Rev. 1.1 ??10 June 2021
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com