Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC6545 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC6545
Description  32 Gbps Dual Channel Advanced Linear Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6545 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC6545 Datasheet HTML 10Page - Analog Devices HMC6545 Datasheet HTML 11Page - Analog Devices HMC6545 Datasheet HTML 12Page - Analog Devices HMC6545 Datasheet HTML 13Page - Analog Devices HMC6545 Datasheet HTML 14Page - Analog Devices HMC6545 Datasheet HTML 15Page - Analog Devices HMC6545 Datasheet HTML 16Page - Analog Devices HMC6545 Datasheet HTML 17Page - Analog Devices HMC6545 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HMC6545
Data Sheet
Rev. A | Page 14 of 23
Read Cycle
In a read cycle, the master reads from the slave immediately
after the first byte. The direction of data transfer changes
between master and slave (see Figure 32). In this case, the R/W
bit is set to 1 to indicate that the master reads data from the
slave device. The address of the internal register from which the
data is to come has been previously set in a precedent write
cycle; otherwise, the slave device defaults to Address 0x00. This
time, the slave device transmits all the data bytes and the master
replies with an acknowledge bit. For the last byte read, the master
replies with a no acknowledge bit to indicate to the slave that it
must stop transmitting data. The master then generates a stop
condition, and the cycle ends.
2-Wire Interface Design Considerations
The HMC6545 2-wire interface slave interface responds to any
register address or data matching its chip address even when
there is no preceding start condition. A 2-wire interface
communication is defined as shown in Figure 30.
Figure 30. 2-Wire Interface Communication
Coincidentally, the data or register address can be the same as
the chip address of another device on the same bus. However,
that other device does not respond because there is no
preceding start condition.
In the HMC6545, regardless of whether there is a start condition,
if the HMC6545 sees a bit stream that corresponds to its chip
address, it then responds and causes unwanted results.
There must be only one HMC6545 device on the 2-wire interface
bus; otherwise, 2-wire interface bus multiplexers can be used to
isolate the HMC6545 devices. See Figure 33 for an example
design.
Reset
A low strobe signal must be sent to the RST pin to reset the
registers to their default values. SDA and SCL must be high in
the 2-wire interface bus before and after the rising edge.
Figure 31. Reset Registers
Figure 32. Read Cycle
Figure 33. Multiple HMC6545 Devices on 2-Wire Interface Bus
START
CHIP ADDRESS + WRITE
ADDRESS BYTE
DATA BYTE
STOP
START
CHIP ADDRESS + READ
DATA BYTE
STOP
SDA
SCL
RST
0.5µs
0.5µs
1.0µs
START
R/W = 1
ACK
ACK
STOP
NACK
DATA BYTE
ACK
DATA BYTE
DATA BYTE
SLAVE ADDRESS
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
MASTER
HMC6545
HMC6545
2-WIRE
INTERFACE
BUS
DEMUX CONTROL
OTHER VENDOR
SLAVE1
OTHER VENDOR
SLAVE2
2-WIRE
INTERFACE
BUS
2-WIRE
INTERFACE
BUS


Similar Part No. - HMC6545

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC654 HITTITE-HMC654 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC654 AD-HMC654 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
logo
Hittite Microwave Corpo...
HMC654LP2E HITTITE-HMC654LP2E Datasheet
212Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
More results

Similar Description - HMC6545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
[Old version datasheet]   USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
[Old version datasheet]   USB3.1 10 Gbps Dual-Channel Linear Redriver
logo
NXP Semiconductors
PTN3944 NXP-PTN3944 Datasheet
577Kb / 42P
   Multi-channel PCIe 4.0 linear equalizer
Rev. 1.1 ??10 June 2021
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com