Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1260 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1260
Description  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1260 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1260 Datasheet HTML 14Page - Analog Devices ADM1260 Datasheet HTML 15Page - Analog Devices ADM1260 Datasheet HTML 16Page - Analog Devices ADM1260 Datasheet HTML 17Page - Analog Devices ADM1260 Datasheet HTML 18Page - Analog Devices ADM1260 Datasheet HTML 19Page - Analog Devices ADM1260 Datasheet HTML 20Page - Analog Devices ADM1260 Datasheet HTML 21Page - Analog Devices ADM1260 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
ADM1260
Data Sheet
Rev. 0 | Page 18 of 71
VXx PINS AS DIGITAL INPUTS
As described in the Supply Supervision with the VXx Inputs
section, the VXx input pins on the ADM1260 have dual
functionality. The second function is as a digital logic input to
the device. Therefore, the ADM1260 can be configured for up to
five digital inputs. These inputs are TTL-/CMOS-compatible
inputs. Standard logic signals can be applied to the pins: reset from
reset generators, power-good (PWRGD) signals, fault flags, and
manual resets. These signals are available as inputs to the SE and,
therefore, can be used to control the status of the PDOs. The inputs
can be configured to detect either a change in level or an edge.
When configured for level detection, the output of the digital
block is a buffered version of the input. When configured for edge
detection, a pulse of programmable width is output from the
digital block once the logic transition is detected. The width is
programmable from 0 μs to 100 μs. The digital blocks feature
the same glitch filter function that is available on the SFDs. This
function enables the user to ignore spurious transitions on the
inputs. For example, the filter can be used to debounce a
manual reset switch.
When configured as digital inputs, each VXx pin has a weak
(10 μA) pull-down current source available for placing the input
into a known condition, even if left floating. The current source,
if selected, weakly pulls the input to GND.
DETECTOR
VXx
(DIGITAL INPUT)
GLITCH
FILTER
VREF = 1.4V
TO
SEQUENCING
ENGINE
+
Figure 25. VXx Digital Input Function


Similar Part No. - ADM1260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266-EVALZ AD-ADM1266-EVALZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ AD-ADM1266ACPZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ-R7 AD-ADM1266ACPZ-R7 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
More results

Similar Description - ADM1260

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com