Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL6010-EVALZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADL6010-EVALZ
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010-EVALZ Datasheet(HTML) 2 Page - Analog Devices

  ADL6010-EVALZ Datasheet HTML 1Page - Analog Devices ADL6010-EVALZ Datasheet HTML 2Page - Analog Devices ADL6010-EVALZ Datasheet HTML 3Page - Analog Devices ADL6010-EVALZ Datasheet HTML 4Page - Analog Devices ADL6010-EVALZ Datasheet HTML 5Page - Analog Devices ADL6010-EVALZ Datasheet HTML 6Page - Analog Devices ADL6010-EVALZ Datasheet HTML 7Page - Analog Devices ADL6010-EVALZ Datasheet HTML 8Page - Analog Devices ADL6010-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADL6010
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Measurement Setups ...................................................................... 15
Theory of Operation ...................................................................... 16
Basic Connections...................................................................... 17
PCB Layout Recommendations ............................................... 17
System Calibration and Error Calculation.............................. 17
Effect of a Capacitave Load on Rise Time and Fall Time ..... 19
Evaluation Board ............................................................................ 20
Evaluation Board Assembly Drawings .................................... 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
9/14—Rev. 0 to Rev. A
Deleted Figure 3 and Figure 6; Renumbered Sequentially.......... 9
Deleted Figure 39 and Changes to Theory of Operation Section..16
7/14—Revision 0: Initial Version
Rev. A | Page 2 of 22


Similar Part No. - ADL6010-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
More results

Similar Description - ADL6010-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
   DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
ADL6012 AD-ADL6012_V01 Datasheet
703Kb / 24P
   2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com