Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL6010 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL6010
Description  Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6010 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL6010 Datasheet HTML 7Page - Analog Devices ADL6010 Datasheet HTML 8Page - Analog Devices ADL6010 Datasheet HTML 9Page - Analog Devices ADL6010 Datasheet HTML 10Page - Analog Devices ADL6010 Datasheet HTML 11Page - Analog Devices ADL6010 Datasheet HTML 12Page - Analog Devices ADL6010 Datasheet HTML 13Page - Analog Devices ADL6010 Datasheet HTML 14Page - Analog Devices ADL6010 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADL6010
Figure 15. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 20 GHz
Figure 16. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 10 GHz
Figure 17. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 15 GHz
Figure 18. Distribution of Conformance Error with Respect to Output Voltage
(VOUT) at 25°C vs. RF Input Power (PIN) for Various Temperatures at 20 GHz
Figure 19. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 25 GHz
Figure 20. Conformance Error and Output Voltage (VOUT) vs.
RF Input Power (PIN) for Various Temperatures at 30 GHz
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +8dBm
20
10
15
0
5
–5
–10
–15
–20
–25
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
20
10
15
0
5
–5
–10
–15
–20
–25
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +10dBm
20
10
15
0
5
–5
–10
–15
–20
–25
–30
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +8dBm
4
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –28dBm, –10dBm, AND +8dBm
15
5
–5
–15
–25
20
10
0
–10
–20
–30
4
3
2
1
0
–1
–2
–3
–4
10
1
0.1
0.01
0.001
PIN (dBm)
–55°C
–40°C
+25°C
+85°C
+125°C
CALIBRATION AT –26dBm, 0dBm, AND +10dBm
Rev. A | Page 11 of 22


Similar Part No. - ADL6010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
ADL6010 AD-ADL6010 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010-CHIPS AD-ADL6010-CHIPS Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010-EVALZ AD-ADL6010-EVALZ Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
More results

Similar Description - ADL6010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
ADL6010ACPZN-R2 AD-ADL6010ACPZN-R2 Datasheet
457Kb / 10P
   Fast Responding, 45-dB Range 500 MHz to 40 GHz Power Detector
Rev. PrB
logo
Texas Instruments
LMH2121 TI1-LMH2121 Datasheet
1Mb / 30P
[Old version datasheet]   3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
LMH2121TME TI-LMH2121TME Datasheet
1Mb / 30P
[Old version datasheet]   LMH2121 3 GHz Fast-Responding Linear Power Detector with 40 dB Dynamic Range
logo
Analog Devices
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
   DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
ADL6012 AD-ADL6012_V01 Datasheet
703Kb / 24P
   2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com