Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC802ALP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC802ALP3E
Description  20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC802ALP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC802ALP3E Datasheet HTML 1Page - Analog Devices HMC802ALP3E Datasheet HTML 2Page - Analog Devices HMC802ALP3E Datasheet HTML 3Page - Analog Devices HMC802ALP3E Datasheet HTML 4Page - Analog Devices HMC802ALP3E Datasheet HTML 5Page - Analog Devices HMC802ALP3E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
2
HMC802ALP3E
v01.0316
20 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
Input Return Loss
Output Return Loss
Insertion Loss
Relative Attenuation
Bit Error vs. Frequency
Relative Phase vs. Frequency
-6
-5
-4
-3
-2
-1
0
02468
10
12
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
02468
10
12
INSERTION LOSS
20 dB
FREQUENCY (GHz)
-40
-30
-20
-10
0
02468
10
12
INSERTION LOSS
20 dB
FREQUENCY (GHz)
-26
-24
-22
-20
-18
-16
-14
02468
10
12
FREQUENCY (GHz)
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
02468
10
12
FREQUENCY (GHz)
-60
-40
-20
0
20
40
60
02468
10
12
FREQUENCY (GHz)


Similar Part No. - HMC802ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
More results

Similar Description - HMC802ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC541LP3 HITTITE-HMC541LP3_08 Datasheet
182Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
HMC541LP3 HITTITE-HMC541LP3 Datasheet
265Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com