Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMI-EU-1 Datasheet(PDF) 2 Page - CUI INC

Part No. SMI-EU-1
Description  EUROPE BLADE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI-EU-1 Datasheet(HTML) 2 Page - CUI INC

  SMI-EU-1 Datasheet HTML 1Page - CUI INC SMI-EU-1 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
date 12/21/2015
│ page 2 of 2
CUI Inc
│ MODEL: SMI-EU-1 │ DESCRIPTION: EUROPE BLADE
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical component is any component of a
life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
12/21/2015
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Similar Part No. - SMI-EU-1

ManufacturerPart No.DatasheetDescription
CUI INC
CUI INC
SMI-EU-2 CUI-SMI-EU-2 Datasheet
289Kb / 2P
   level VI efficiency accessory
SMI-EU-3 CUI-SMI-EU-3 Datasheet
703Kb / 2P
   EUROPE BLADE
SMI-EU-3L CUI-SMI-EU-3L Datasheet
407Kb / 2P
   EUROPE BLADE
SMI-EU-3 CUI-SMI-EU-3_V01 Datasheet
700Kb / 2P
   EUROPE BLADE
06/20/2019
SMI-EU-5 CUI-SMI-EU-5 Datasheet
178Kb / 2P
   EUROPE BLADE
More results

Similar Description - SMI-EU-1

ManufacturerPart No.DatasheetDescription
CUI INC
CUI INC
SMI-EU-3L CUI-SMI-EU-3L Datasheet
407Kb / 2P
   EUROPE BLADE
SMI-EU-5 CUI-SMI-EU-5 Datasheet
178Kb / 2P
   EUROPE BLADE
SMI-EU-3 CUI-SMI-EU-3 Datasheet
703Kb / 2P
   EUROPE BLADE
SMI-EU-3 CUI-SMI-EU-3_V01 Datasheet
700Kb / 2P
   EUROPE BLADE
06/20/2019
SMI-EU-5W CUI-SMI-EU-5W Datasheet
176Kb / 2P
   EUROPE BLADE
11/20/2020
Phihong USA Inc.
Phihong USA Inc.
PSM03E-050Q PHIHONG-PSM03E-050Q Datasheet
58Kb / 2P
   2.75W Compact Fixed Blade Charger (Europe) Ecodesign Compliant USB Adapter
FCI connector
FCI connector
C01-8646-0752 FCI-CONNECTOR-C01-8646-0752 Datasheet
111Kb / 1P
   RECEPTACLE STD EUROPE
C01-8646-0815 FCI-CONNECTOR-C01-8646-0815 Datasheet
144Kb / 1P
   RECEPTACLE STD EUROPE
C01-8646-0490 FCI-CONNECTOR-C01-8646-0490 Datasheet
104Kb / 1P
   FEMALE CONNECTOR STD EUROPE
D25S24B6PA00LF FCI-CONNECTOR-D25S24B6PA00LF Datasheet
199Kb / 2P
   FEMALE CONNECTOR STD EUROPE
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com