Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ1-4251X-SMT Datasheet(PDF) 1 Page - CUI INC

Part # SJ1-4251X-SMT
Description  2.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-4251X-SMT Datasheet(HTML) 1 Page - CUI INC

  SJ1-4251X-SMT Datasheet HTML 1Page - CUI INC SJ1-4251X-SMT Datasheet HTML 2Page - CUI INC SJ1-4251X-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
cui.com
date
11/01/2012
page
1 of 3
SERIES:
SJ1-4251X-SMT │ DESCRIPTION: 2.5 MM AUDIO JACKS
FEATURES
• right angle
• plastic bushing
• gold flash
RoHS
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1A
contact resistance
between terminal and mating plug
between terminal in a closed circuit1
50
30
insulation resistance
at 500 Vdc
100
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawl force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
Notes:
1. When measured at a current of less than 100 mA / 1 kHz
SJ1-4251 X-SMT-X
Switch Options
4 = no switch
5TS = tip switch
5RS = ring switch
6 = tip and ring switch
Base Number
Package Options
"blank" = standard
TR = Tape & Reel
For more information, please visit the product page.


Similar Part No. - SJ1-4251X-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
logo
CUI Devices
SJ1-4251X CUID-SJ1-4251X Datasheet
463Kb / 3P
   AUDIO JACK
07/27/2023
More results

Similar Description - SJ1-4251X-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-253X-SMT CUI-SJ1-253X-SMT Datasheet
187Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com