Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ1-2535-SMT Datasheet(PDF) 2 Page - CUI INC

Part # SJ1-2535-SMT
Description  2.5 MM AUDIO JACKS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ1-2535-SMT Datasheet(HTML) 2 Page - CUI INC

  SJ1-2535-SMT Datasheet HTML 1Page - CUI INC SJ1-2535-SMT Datasheet HTML 2Page - CUI INC SJ1-2535-SMT Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: SJ1-253X-SMT │ DESCRIPTION: 2.5 MM AUDIO JACKS
date
11/01/2012 │ page 2 of 3
1.9 0.075
+0.1
-0.0
1.4 0.055
+0.1
-0.0
1.00 0.039
5.40 0.213
3.6 0.142
3.6 0.142
(3 PLCS)
1.7 0.067
4.7 0.185
7.7 0.303
0.394
10.0
3.6 0.142
3.2 0.126
3.60 0.142
4.8
(TYP)
0.189
1.35 0.053
4.6 0.181
(TYP)
0.213
5.40
1.00 0.039
3.6 0.142
10.0 0.394
0.303
7.7
4.7 0.185
1.7 0.067
3.00 0.118
0.30 0.012
0.291
7.4
2.600 0.102
(TYP)
3.1 0.122
0.409
10.4
0.047
1.20
0.50 0.020
(2 PLCS)
3
4
2
15
1.3 0.051
+0.0
-0.1
0.071
-0.1
1.8
+0.0
0.80 0.031
(5 PLCS)
2
5
1
1.80X1.5
3
1.80X1.9
4
PCB LAYOUT
TOP VIEW
1.80X1.70
(3 PLCS)
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
gold
terminal 2
copper alloy
gold
terminal 3
copper alloy
gold
terminal 4
brass
gold
terminal 5
copper alloy
gold
plastic
PA6T
Model No.
SJ1-2533-SMT
SJ1-2534-SMT
SJ1-2535-SMT
Schematic
2
1
3
2
1
3
4
2
1
3
4
5
PIN
1
sleeve
sleeve
sleeve
2
tip
tip
tip
3
ring
ring
ring
4
NP
tip switch
tip switch
5
NP
NP
ring swtich
11
Ø 2.5 MATING PLUG
units: mm[inches]
TOLERANCE:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
For more information, please visit the product page.


Similar Part No. - SJ1-2535-SMT

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ1-2535-SMT-TR CUID-SJ1-2535-SMT-TR Datasheet
1Mb / 4P
   AUDIO JACK
04/28/2023
More results

Similar Description - SJ1-2535-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ1-4251X-SMT CUI-SJ1-4251X-SMT Datasheet
185Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-251X-SMT CUI-SJ1-251X-SMT Datasheet
170Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT Datasheet
191Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT Datasheet
168Kb / 3P
   2.5 MM AUDIO JACKS
SJ-252X-SMT CUI-SJ-252X-SMT_18 Datasheet
449Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-4251 CUI-SJ1-4251 Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4251X CUI-SJ1-4251X Datasheet
159Kb / 3P
   2.5 MM AUDIO JACKS
SJ1-4253X-SMT CUI-SJ1-4253X-SMT_18 Datasheet
441Kb / 4P
   2.5 MM AUDIO JACKS
SJ1-353XNS CUI-SJ1-353XNS Datasheet
223Kb / 3P
   3.5 MM AUDIO JACKS
SJ1-355XNG CUI-SJ1-355XNG Datasheet
143Kb / 3P
   3.5 MM AUDIO JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com