Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9873060250 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9873060250
Description  20 AWG stranded (7x28) TC conductors, polypropylene insulation, twisted pairs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9873060250 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9873060250 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9873060250 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9873060250 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max. Recommended Pulling Tension:
471.509 N
Min. Bend Radius (Install)/Minor Axis:
83.820 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2919 (30 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
50
Nom. Inductance:
Inductance (µH/m)
0.59058
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
98.43
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
180.455
Nominal Velocity of Propagation:
VP (%)
66
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
34.4505
Ind. Pair Nominal Shield DC Resistance @ 20
Deg. C:
45.934 Ohm/km
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 2919)
300 V RMS (CM)
Max. Recommended Current:
Current
2.7 Amps per conductor @ 25°C
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9873 Multi-Conductor - Audio, Control and Instrumentation Cable


Similar Part No. - 9873060250

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9873 BELDEN-9873 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9873-060100 BELDEN-9873-060100 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9873-0601000 BELDEN-9873-0601000 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9873-060250 BELDEN-9873-060250 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9873-060500 BELDEN-9873-060500 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
More results

Similar Description - 9873060250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8725 ETC2-8725 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation
1344849 ETC2-1344849 Datasheet
102Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation,
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
1345981 ETC2-1345981 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
29545 ETC2-29545 Datasheet
29Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket.
1344417 ETC2-1344417 Datasheet
96Kb / 2P
   20 AWG stranded (7x28) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1346586 ETC2-1346586 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, PVC insulation
1344219 ETC2-1344219 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs
28467 ETC2-28467 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation, twisted pair, overall Beldfoil shield
1348329 ETC2-1348329 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) TC conductors, semi-rigid PVC insulation,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com