Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC818 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BC818
Description  Surface mount Si-Epitaxial PlanarTransistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BC818 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BC818 Datasheet HTML 1Page - Diotec Semiconductor BC818 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
7
01.11.2003
General Purpose Transistors
BC 817 / BC 818
Characteristics, T
j = 25
/C
Kennwerte, T
j = 25
/C
Min.
Typ.
Max.
Collector saturation voltage – Kollektor-Sättigungsspg.
I
C = 500 mA, IB = 50 mA
V
CEsat
0.7 V
Base saturation voltage – Basis-Sättigungsspannung
I
C = 500 mA, IB = 50 mA
V
BEsat
1.3 V
Base-Emitter voltage – Basis-Emitter-Spannung
V
CE = 1 V, - IC = 500 mA
V
BE
1.2 V
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, VCB = 20 V
I
CB0
100 nA
I
E = 0, VCB = 20 V, Tj = 150
/CI
CB0
––
5
:A
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, VEB = 4 V
I
EB0
100 nA
Gain-Bandwidth Product – Transitfrequenz
V
CE = 5 V, IC = 10 mA, f = 50 MHz
f
T
100 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
12 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
320 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BC 807 / BC 808
Marking of available current gain
groups per type
Stempelung der lieferbaren Strom-
verstärkungsgruppen pro Typ
BC 817-16 = 6A BC 817-25 = 6B BC 817-40 = 6C
BC 817 = 6D
BC 818-16 = 6E BC 818-25 = 6F
BC 818-40 = 6G
BC 818 = 6H


Similar Part No. - BC818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC818 FAIRCHILD-BC818 Datasheet
31Kb / 2P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KODENSHI_AUK CORP.
BC818 KODENSHI-BC818 Datasheet
260Kb / 4P
   High current application
logo
Nanjing International G...
BC818 DGNJDZ-BC818 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
General Semiconductor
BC818 GE-BC818 Datasheet
227Kb / 5P
   Small Signal Transistors (NPN)
logo
Shenzhen Jin Yu Semicon...
BC818 HTSEMI-BC818 Datasheet
361Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - BC818

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com