Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP26A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # 5KP26A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5KP26A Datasheet(HTML) 1 Page - Diotec Semiconductor

  5KP26A Datasheet HTML 1Page - Diotec Semiconductor 5KP26A Datasheet HTML 2Page - Diotec Semiconductor 5KP26A Datasheet HTML 3Page - Diotec Semiconductor 5KP26A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1) Non-repetitive current puls see curve I
PPM = f (tr)
Höchstzulässiger Spitzenwert eines einmaligen Strom-Impulses, siehe Kurve I
PPM = f (tr)
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3) Unidirectional diodes only – Nur für unidirektionale Dioden
1
07.01.2003
5 KP 6.5 ... 5 KP 110CA
Unidirectional and bidirectional
Unidirektionale und bidirektionale
Transient Voltage Suppressor Diodes
Spannungs-Begrenzer-Dioden
Peak pulse power dissipation
5000 W
Impuls-Verlustleistung
Maximum stand-off voltage
6.5...110 V
Maximale Sperrspannung
Plastic case – Kunststoffgehäuse
Ø 8 x 7.5 [mm]
Weight approx. – Gewicht ca.
1.5 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack siehe Seite 16
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die el. Werte in beiden Richtungen.
Maximum ratings and Characteristics
Kenn- und Grenzwerte
Peak pulse power dissipation (10/1000
:s waveform)
T
A = 25
/CP
PPM
5000 W 1)
Impuls-Verlustleistung (Strom-Impuls 10/1000
:s)
Steady state power dissipation
T
A = 25
/CP
M(AV)
8 W 2)
Verlustleistung im Dauerbetrieb
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
400 A 3)
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C
Max. instanteous forward voltage
I
F = 100 A
V
F
< 3.5 V 3)
Augenblickswert der Durchlaßspannung
Thermal resistance junction to ambient air
R
thA
< 18 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to lead
R
thL
< 4 K/W
Wärmewiderstand Sperrschicht – Anschlußdraht


Similar Part No. - 5KP26A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
5KP26A FORMOSA-5KP26A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Surge Components
5KP26A SURGE-5KP26A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP26A YFWDIODE-5KP26A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP26A LUGUANG-5KP26A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP26A PANJIT-5KP26A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP26A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com