Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF3-2P-2DS Datasheet(PDF) 11 Page - Hirose Electric

Part # DF3-2P-2DS
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3-2P-2DS Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF3-2P-2DS Datasheet HTML 4Page - Hirose Electric DF3-2P-2DS Datasheet HTML 5Page - Hirose Electric DF3-2P-2DS Datasheet HTML 6Page - Hirose Electric DF3-2P-2DS Datasheet HTML 7Page - Hirose Electric DF3-2P-2DS Datasheet HTML 8Page - Hirose Electric DF3-2P-2DS Datasheet HTML 9Page - Hirose Electric DF3-2P-2DS Datasheet HTML 10Page - Hirose Electric DF3-2P-2DS Datasheet HTML 11Page - Hirose Electric DF3-2P-2DS Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
A263
Note : Specific No."None" item is delivered per bag (100 pcs.). Please order products per bag unit.
Unit: mm
Part Number
CL No.
DF3- 2EP-2A(**)
DF3- 3EP-2A(**)
DF3- 4EP-2A(**)
DF3- 5EP-2A(**)
DF3- 6EP-2A(**)
DF3- 7EP-2A(**)
DF3- 8EP-2A(**)
DF3- 9EP-2A(**)
DF3-10EP-2A(**)
DF3-11EP-2A(**)
DF3-12EP-2A(**)
DF3-13EP-2A(**)
DF3-14EP-2A(**)
DF3-15EP-2A(**)
543-0267-0-**
543-0268-2-**
543-0269-5-**
543-0270-4-**
543-0271-7-**
543-0272-0-**
543-0273-2-**
543-0274-5-**
543-0275-8-**
543-0276-0-**
543-0277-3-**
543-0278-6-**
543-0279-9-**
543-0280-8-**
2
3
4
5
6
7
8
9
10
11
12
13
14
15
11
13
15
17
19
21
23
25
27
29
31
33
35
37
06
08
10
12
14
16
18
20
22
24
26
28
30
32
Number of Contacts
A
B
02
04
06
08
10
12
14
16
18
20
22
24
26
28
C
9.4
11.4
13.4
15.4
17.4
19.4
21.4
23.4
25.4
27.4
29.4
31.4
33.4
35.4
D
6.3
8.3
10.3
12.3
14.3
16.3
18.3
20.3
22.3
24.3
26.3
28.3
30.3
32.3
E
Adapter to in-line by pushing 2 pcs. of
socket from both sides
No.1-No.1 connection circuit type
sIn-line Adapter with Panel Lock
BPanel Cutouts
[Specific No.] –* *, (* *)
Blank : 100 pcs. per bag
Note1: Applicable panel thickness is 1.6
to 1.0mm.(However,backlash
will occur except for 1.6, 1.2mm
thickness.)
Note2: Please use the non-radius surface
at the hooking panel edge.


Similar Part No. - DF3-2P-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF3-2P-2DS01 ETC2-DF3-2P-2DS01 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF3-2P-2DSA(01) HIROSE-DF3-2P-2DSA(01) Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3-2P-2DSA(01) ETC2-DF3-2P-2DSA(01) Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF3-2P-2DSA(01) HIROSE-DF3-2P-2DSA(01) Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3-2P-2DSA01 ETC2-DF3-2P-2DSA01 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3-2P-2DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com