Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5110G Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5110G
Description  GENERAL PURPOSE / GSM POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 2 Page - RF Micro Devices

  RF5110G_15 Datasheet HTML 1Page - RF Micro Devices RF5110G_15 Datasheet HTML 2Page - RF Micro Devices RF5110G_15 Datasheet HTML 3Page - RF Micro Devices RF5110G_15 Datasheet HTML 4Page - RF Micro Devices RF5110G_15 Datasheet HTML 5Page - RF Micro Devices RF5110G_15 Datasheet HTML 6Page - RF Micro Devices RF5110G_15 Datasheet HTML 7Page - RF Micro Devices RF5110G_15 Datasheet HTML 8Page - RF Micro Devices RF5110G_15 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2 of 24
RF5110G
DS20151202
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or
technical support,
contact RFMD/Qorvo at (+1) 336-678-5570 or sales-
support@qorvo.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
V
DC
Power Control Voltage (V
APC1,2)
-0.5 to +3.0
V
DC Supply Current
2400
mA
Input RF Power
+13
dBm
Duty Cycle at Max Power
50
%
Output Load VSWR
10:1
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Note: This table applies to radio operating within GSM specification. For rat-
ings pertaining to general purpose radio applications, see theory of opera-
tion section.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
General Purpose Radio: Temp=25°C,
V
APC1,2 = 2.8 V, Duty Cycle = 100%
Operating Frequency
150
MHz
VCC=3.3V. See Application Schematic.
Output Power
32
dBm
Gain
31.5
dB
Efficiency
53
%
Operating Frequency
220
MHz
VCC=3.3V. See Application Schematic.
Output Power
32
dBm
Gain
32
dB
Efficiency
52
%
Operating Frequency
450
MHz
VCC=3.0V. See Application Schematic.
Output Power
32
dBm
Gain
32.5
dB
Efficiency
50.5
%
Operating Frequency
865
928
MHz
VCC=3.3V. See Application Schematic.
Output Power
32
dBm
Gain
33.0
29.5
dB
Equals typical at respective frequency corner
Efficiency
49
49
%
Equals typical at respective frequency corner
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RF5110G_15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5110GPCBA-410 RFMD-RF5110GPCBA-410 Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
RF5110GPCBA-410 RFMD-RF5110GPCBA-410 Datasheet
831Kb / 22P
   3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110GPCK-410 QORVO-RF5110GPCK-410 Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
logo
RF Micro Devices
RF5110GTR7 RFMD-RF5110GTR7 Datasheet
831Kb / 22P
   3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110GTR7 QORVO-RF5110GTR7 Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
More results

Similar Description - RF5110G_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
   3V General Purpose/GSM Power Amplifier
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
logo
RF Micro Devices
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
   3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
   3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
   3V GSM POWER AMPLIFIER
RF2138 RFMD-RF2138 Datasheet
145Kb / 10P
   3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
   3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_1 Datasheet
280Kb / 14P
   3V GSM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com