Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2878 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2878
Description  LOW NOISE AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2878 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2878_11 Datasheet HTML 6Page - RF Micro Devices RF2878_11 Datasheet HTML 7Page - RF Micro Devices RF2878_11 Datasheet HTML 8Page - RF Micro Devices RF2878_11 Datasheet HTML 9Page - RF Micro Devices RF2878_11 Datasheet HTML 10Page - RF Micro Devices RF2878_11 Datasheet HTML 11Page - RF Micro Devices RF2878_11 Datasheet HTML 12Page - RF Micro Devices RF2878_11 Datasheet HTML 13Page - RF Micro Devices RF2878_11 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14 of 14
RF2878
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 2mil to 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be
provided in the master data or requested from the PCB fabrication supplier.
A
A
A
A
A
2.60
Pin 1
A = 0.90 x 1.20 (mm) Typ.
Pin 5
Dimensions in mm.
0.95 Typ.
1.90 Typ.
Figure 2. PCB Solder Mask (Top View)
RoHS Compliant:
Yes
Package total weight in grams (g):
0.014
Compliance Date Code:
NA
Bill of Materials Revision:
-
Pb Free Category:
e3
Pb
Cd
Hg
Cr VI
PBB
PBDE
Die
000
00
0
Molding Compound
000
00
0
Lead Frame
000
00
0
Die Attach Epoxy
000
00
0
Wire
000
00
0
Solder Plating
000
00
0
* DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment
RoHS* Banned Material Content
Bill of Materials
Parts Per Million (PPM)
This RoHS banned material content declaration was prepared solely on information, including analytical data, provided to RFMD by its
suppliers, and applies to the Bill of Materials (BOM) revision noted above.


Similar Part No. - RF2878_11

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2878 RFMD-RF2878_1 Datasheet
282Kb / 11P
   3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2878_11

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com