Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA36A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # P4SMA36A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

P4SMA36A Datasheet(HTML) 1 Page - Nanjing International Group Co

  P4SMA36A Datasheet HTML 1Page - Nanjing International Group Co P4SMA36A Datasheet HTML 2Page - Nanjing International Group Co P4SMA36A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ 400 Watt Peak Power
■ Dimension
Dim
Millimeters
Inches
Min
Max
Min
Max
A
3.99
4.50
0.157
0.177
B
2.54
2.79
0.100
0.110
C
1.25
1.65
0.049
0.065
D
0.152
0.305
0.006
0.012
E
4.93
5.28
0.194
0.208
F
----
0.203
----
0.008
G
1.98
2.29
0.078
0.090
H
0.76
1.52
0.030
0.060
SMA (DO-214AC)
■ Specification
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P4SMA6.8
P4SMA6.8C
6V8
6V8C
5.50
6.12
7.48
10
10.8
38.0
1000.0
P4SMA6.8A
P4SMA6.8CA
6V8A
6V8CA
5.80
6.45
7.14
10
10.5
40.0
1000.0
P4SMA7.5
P4SMA7.5C
7V5
7V5C
6.05
6.75
8.25
10
11.7
36.0
500.0
P4SMA7.5A
P4SMA7.5CA
7V5A
7V5CA
6.40
7.13
7.88
10
11.3
37.0
500.0
P4SMA8.2
P4SMA8.2C
8V2
8V2C
6.63
7.38
9.02
10
12.5
33.0
200.0
P4SMA8.2A
P4SMA8.2CA
8V2A
8V2CA
7.02
7.79
8.61
10
12.1
35.0
200.0
P4SMA9.1
P4SMA9.1C
9V1
9V1C
7.37
8.19
10.0
1.0
13.8
30.0
50.0
P4SMA9.1A
P4SMA9.1CA
9V1A
9V1CA
7.78
8.65
9.55
1.0
13.4
31.0
50.0
P4SMA10
P4SMA10C
10
10C
8.10
9.00
11.0
1.0
15.0
28.0
10.0
P4SMA10A
P4SMA10CA
10A
10CA
8.55
9.50
10.5
1.0
14.5
29.0
10.0
P4SMA11
P4SMA11C
11
11C
8.92
9.90
12.1
1.0
16.2
26.0
5.0
P4SMA11A
P4SMA11CA
11A
11CA
9.40
10.5
11.6
1.0
15.6
27.0
5.0
P4SMA12
P4SMA12C
12
12C
9.72
10.8
13.2
1.0
17.3
24.0
5.0
P4SMA12A
P4SMA12CA
12A
12CA
10.2
11.4
12.6
1.0
16.7
25.0
5.0
P4SMA13
P4SMA13C
13
13C
10.5
11.7
14.3
1.0
19.0
22.0
5.0
P4SMA13A
P4SMA13CA
13A
13CA
11.1
12.4
13.7
1.0
18.2
23.0
5.0
P4SMA15
P4SMA15C
15
15C
12.1
13.5
16.5
1.0
22.0
19.0
5.0
P4SMA15A
P4SMA15CA
15A
15CA
12.8
14.3
15.8
1.0
21.2
20.0
5.0
P4SMA16
P4SMA16C
16
16C
12.9
14.4
17.6
1.0
23.5
18.0
5.0
P4SMA16A
P4SMA16CA
16A
16CA
13.6
15.2
16.8
1.0
22.5
19.0
5.0
P4SMA18
P4SMA18C
18
18C
14.5
16.2
19.8
1.0
26.5
16.0
5.0
P4SMA18A
P4SMA18CA
18A
18CA
15.3
17.1
18.9
1.0
25.2
17.0
5.0
P4SMA20
P4SMA20C
20
20C
16.2
18.0
22.0
1.0
29.1
14.0
5.0
P4SMA20A
P4SMA20CA
20A
20CA
17.1
19.0
21.0
1.0
27.7
15.0
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P4SMA
SERIES


Similar Part No. - P4SMA36A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA36A WTE-P4SMA36A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
P4SMA36A SHUNYE-P4SMA36A Datasheet
301Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA36A SSC-P4SMA36A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
P4SMA36A YFWDIODE-P4SMA36A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Central Semiconductor C...
P4SMA36A CENTRAL-P4SMA36A Datasheet
944Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
More results

Similar Description - P4SMA36A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com