Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ10N80-BL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # NJ10N80-BL
Description  10A 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ10N80-BL Datasheet(HTML) 2 Page - Nanjing International Group Co

  NJ10N80-BL Datasheet HTML 1Page - Nanjing International Group Co NJ10N80-BL Datasheet HTML 2Page - Nanjing International Group Co NJ10N80-BL Datasheet HTML 3Page - Nanjing International Group Co NJ10N80-BL Datasheet HTML 4Page - Nanjing International Group Co NJ10N80-BL Datasheet HTML 5Page - Nanjing International Group Co NJ10N80-BL Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (TC =25° , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current (TC = 25° )
ID
10
A
Pulsed Drain Current (Note 2)
IDM
40
A
Avalanche Current (Note 2)
IAR
10
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
920
mJ
Repetitive (Note 2)
EAR
24
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.0
V/ns
Power Dissipation
PD
W
TO-2
20
156
TO-220F1
63
Linear Derating Factor above TC = 25°
W/°
Junction Temperature
TJ
150
°
Storage Temperature
TSTG
-55 ~ +150
°
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=17.3mH, IAS=10A, VDD=50V, RG=25 , Starting TJ=25°C
4. ISD
10 A, di/dt
200A/ s, VDD BVDSS, Starting TJ=25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
JA
° /W
TO-220F
TO-2
20
62.5
Junction to Case
JC
° /W
TO-2
20
0.8
TO-220F
1.98
NJ10N80 POWER MOSFET
TO-2
20F
63
TO-2
20
1.25
TO-2
20F
0.504


Similar Part No. - NJ10N80-BL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60-BL DGNJDZ-NJ10N60-BL Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60-LI DGNJDZ-NJ10N60-LI Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N60F-LI DGNJDZ-NJ10N60F-LI Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
NJ10N65 DGNJDZ-NJ10N65 Datasheet
853Kb / 7P
   10A 650V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ10N80-BL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80_12 Datasheet
199Kb / 6P
   10A, 800V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STU10NB80 STMICROELECTRONICS-STU10NB80 Datasheet
44Kb / 5P
   N - CHANNEL 800V - 0.65ohm - 10A - Max220 PowerMESHO MOSFET
logo
Rohm
R8010ANX ROHM-R8010ANX Datasheet
885Kb / 14P
   Nch 800V 10A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com