Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ4N80 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # NJ4N80
Description  4.0A 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ4N80 Datasheet(HTML) 3 Page - Nanjing International Group Co

  NJ4N80 Datasheet HTML 1Page - Nanjing International Group Co NJ4N80 Datasheet HTML 2Page - Nanjing International Group Co NJ4N80 Datasheet HTML 3Page - Nanjing International Group Co NJ4N80 Datasheet HTML 4Page - Nanjing International Group Co NJ4N80 Datasheet HTML 5Page - Nanjing International Group Co NJ4N80 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
800
V
Breakdown Voltage Temperature Coefficient
BVDSS/ TJ ID=250 A,Referenced to 25°C
950
mV/°C
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=0V
10
μA
VDS=640V, TC=125°C
100
μA
Gate-Source Leakage Current
Forward
IGSS
VDS=0V ,VGS=30V
100
nA
Reverse
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2A
2.3
3.0
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V,VGS=0V,f=1.0MHz
680
880
pF
Output Capacitance
COSS
75
100
pF
Reverse Transfer Capacitance
CRSS
8.6
12
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=640V, VGS=10V,
ID=4A (Note 1,2)
19
25
nC
Gate-Source Charge
QGS
4.2
nC
Gate-Drain Charge
QGD
9.1
nC
Turn-ON Delay Time
tD(ON)
VDD=400V, ID=4A,
RG=25
(Note 1,2)
16
40
ns
Turn-ON Rise Time
tR
45
100
ns
Turn-OFF Delay Time
tD(OFF)
35
80
ns
Turn-OFF Fall Time
tF
35
80
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
4
A
Maximum Body-Diode Pulsed Current
ISM
16
A
Drain-Source Diode Forward Voltage
VSD
IS =4A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
VGS=0V, IS=4A,
dIF/dt=100A/ s (Note 1)
575
ns
Body Diode Reverse Recovery Charge
QRR
3.65
C
Note: 1. Pulse Test: Pulse width
300μs, Duty cycle
2%
2. Essentially independent of operating temperature
NJ4N80 POWER MOSFET


Similar Part No. - NJ4N80

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60 DGNJDZ-NJ4N60 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-LI DGNJDZ-NJ4N60-LI Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ4N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
   4.0A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
   4.0A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com