Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ4N80 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # NJ4N80
Description  4.0A 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ4N80 Datasheet(HTML) 1 Page - Nanjing International Group Co

  NJ4N80 Datasheet HTML 1Page - Nanjing International Group Co NJ4N80 Datasheet HTML 2Page - Nanjing International Group Co NJ4N80 Datasheet HTML 3Page - Nanjing International Group Co NJ4N80 Datasheet HTML 4Page - Nanjing International Group Co NJ4N80 Datasheet HTML 5Page - Nanjing International Group Co NJ4N80 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SYMBOL
ORDERING INFORMATION
Pin Assignment
1
2
3
Packing
NJ4N80-LI
TO-
220
NJ4N80-BL
TO-
220
NJ4N80F-LI
G
D
S
Tube
NJ4N80A-LI
NJ4N80D-TR
TO-252
NJ4N80D-LI
TO-252
Note: Pin Assignment: G: Gate D: Drain S: Source
G
D
S
Tube
Package
Ordering Number
G
D
S
T
ape Ree
G
D
S
T
ape Box
G
D
S
Bulk
G
D
S
Tube
TO-
251
1
1
1
1
TO-220
TO-2
51
TO-2
52
4.0A 800V N-CHANNEL POWER MOSFET
NJ4N80 POWER MOSFET
TO-220
F
TO-220
F
DESCRIPTION
The NJ4N80 is a N-channel mode power MOSFET using
advanced technology to provide costomers planar stripe and DMOS
technology. This technology is specialized in allowing a
minimum on-state resistance, and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
FEATURES
* VDS =
800V
* ID =
4.0A
* RDS(ON) =
3Ω@VGS = 10V.
*
High switching speed
*
Improved dv/dt capability
*
100% avalanche tested


Similar Part No. - NJ4N80

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60 DGNJDZ-NJ4N60 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-BL DGNJDZ-NJ4N60-BL Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
NJ4N60-LI DGNJDZ-NJ4N60-LI Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ4N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
   4.0A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
   4.0A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60 Datasheet
1Mb / 4P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com