Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ4N60F-LI Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # NJ4N60F-LI
Description  4.0A 600V N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ4N60F-LI Datasheet(HTML) 4 Page - Nanjing International Group Co

  NJ4N60F-LI Datasheet HTML 1Page - Nanjing International Group Co NJ4N60F-LI Datasheet HTML 2Page - Nanjing International Group Co NJ4N60F-LI Datasheet HTML 3Page - Nanjing International Group Co NJ4N60F-LI Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms
NJ4N60 POWER MOSFET


Similar Part No. - NJ4N60F-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ4N60F-LI DGNJDZ-NJ4N60F-LI Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ4N60F-LI

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
IRF4N60FP FCI-IRF4N60FP Datasheet
457Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N60 DGNJDZ-NJ4N60_V01 Datasheet
945Kb / 7P
   4.0A 600V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF4N60 FCI-IRF4N60 Datasheet
127Kb / 3P
   4.0A 600V N CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY4N60D HY-HY4N60D Datasheet
166Kb / 4P
   600V / 4.0A N-Channel Enhancement Mode MOSFET
HY4N60T HY-HY4N60T Datasheet
107Kb / 4P
   600V / 4.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ4N65 DGNJDZ-NJ4N65 Datasheet
863Kb / 7P
   4.0A 650V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
4N90C UTC-4N90C Datasheet
197Kb / 5P
   4.0A, 900V N-CHANNEL POWER MOSFET
4N80 UTC-4N80_12 Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ4N80 DGNJDZ-NJ4N80 Datasheet
604Kb / 6P
   4.0A 800V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3003 WILLSEMI-WNM3003 Datasheet
445Kb / 7P
   N-Channel, 30V, 4.0A, Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com