Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ2N60-LI Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # NJ2N60-LI
Description  2.0A 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ2N60-LI Datasheet(HTML) 3 Page - Nanjing International Group Co

  NJ2N60-LI Datasheet HTML 1Page - Nanjing International Group Co NJ2N60-LI Datasheet HTML 2Page - Nanjing International Group Co NJ2N60-LI Datasheet HTML 3Page - Nanjing International Group Co NJ2N60-LI Datasheet HTML 4Page - Nanjing International Group Co NJ2N60-LI Datasheet HTML 5Page - Nanjing International Group Co NJ2N60-LI Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TJ =25° , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250 A
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
A
Gate-Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100
nA
Reverse
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient
BVDSS/
TJ ID=250 A, Referenced to 25°C
0.4
V/°
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 A
2.0
4.0
V
Static Drain-Source On-State
Resistance
2N60
RDS(ON)
VGS = 10V, ID =1A
3.6
5
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS =25V, VGS =0V,
f =1MHz
270
350
pF
Output Capacitance
COSS
40
50
pF
Reverse Transfer Capacitance
CRSS
5
7
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
VDD =300V, ID =2.4A,
RG=25
(Note 1, 2)
10
30
ns
Turn-On Rise Time
2N60
tR
40
60
ns
Turn-Off Delay Time
tD(OFF)
20
50
ns
Turn-Off Fall Time
2N60
tF
50
60
ns
Total Gate Charge
QG
VDS=480V, VGS=10V,
ID=2.4A (Note 1, 2)
9.0
11
nC
Gate-Source Charge
QGS
1.6
nC
Gate-Drain Charge
QGD
4.3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, ISD = 2.0 A
1.4
V
Continuous Drain-Source Current
ISD
2.0
A
Pulsed Drain-Source Current
ISM
8.0
A
Reverse Recovery Time
trr
VGS = 0 V, ISD = 2.4A,
di/dt = 100 A/ s (Note 1)
180
ns
Reverse Recovery Charge
QRR
0.72
C
Notes: 1. Pulse Test: Pulse width
300 s, Duty cycle 2%
2. Essentially independent of operating temperature
NJ2N60 POWER MOSFET


Similar Part No. - NJ2N60-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ2N60-LI DGNJDZ-NJ2N60-LI Datasheet
833Kb / 6P
   2.0A 600V N-CHANNEL POWER MOSFET
More results

Similar Description - NJ2N60-LI

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ2N60 DGNJDZ-NJ2N60_V01 Datasheet
833Kb / 6P
   2.0A 600V N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
2N60H KIA-2N60H Datasheet
344Kb / 6P
   2.0A, 600V N-CHANNEL MOSFET
logo
Tak Cheong Electronics ...
TFP2N60 TAK_CHEONG-TFP2N60 Datasheet
332Kb / 7P
   N-Channel Power MOSFET 2.0A, 600V, 4.6廓
logo
HY ELECTRONIC CORP.
HY2N60D HY-HY2N60D Datasheet
189Kb / 4P
   600V / 2.0A N-Channel Enhancement Mode MOSFET
HY2N60T HY-HY2N60T Datasheet
129Kb / 4P
   600V / 2.0A N-Channel Enhancement Mode MOSFET
logo
Nanjing International G...
NJ2N65 DGNJDZ-NJ2N65 Datasheet
625Kb / 6P
   2.0A 650V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com