Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ1N60-BL Datasheet(PDF) 5 Page - Nanjing International Group Co

Part # NJ1N60-BL
Description  1.2A 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ1N60-BL Datasheet(HTML) 5 Page - Nanjing International Group Co

  NJ1N60-BL Datasheet HTML 1Page - Nanjing International Group Co NJ1N60-BL Datasheet HTML 2Page - Nanjing International Group Co NJ1N60-BL Datasheet HTML 3Page - Nanjing International Group Co NJ1N60-BL Datasheet HTML 4Page - Nanjing International Group Co NJ1N60-BL Datasheet HTML 5Page - Nanjing International Group Co NJ1N60-BL Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TEST CIRCUITS AND WAVEFORMS (Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms
NJ1N60 POWER MOSFET


Similar Part No. - NJ1N60-BL

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NJ1.5-PD-E02-1.250-V95 PF-NJ1.5-PD-E02-1.250-V95 Datasheet
271Kb / 2P
   Inductive sensor
NJ1.5-PD-US-1.250-V93 PF-NJ1.5-PD-US-1.250-V93 Datasheet
270Kb / 2P
   Inductive sensor
NJ10-22-N PF-NJ10-22-N Datasheet
197Kb / 2P
   Inductive sensor
NJ10-22-N-G PF-NJ10-22-N-G Datasheet
180Kb / 2P
   Inductive sensor
NJ10-22-N-G-5M PF-NJ10-22-N-G-5M Datasheet
180Kb / 2P
   Inductive sensor
More results

Similar Description - NJ1N60-BL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60Z UTC-1N60Z Datasheet
249Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60P UTC-1N60P Datasheet
274Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60 UTC-1N60_11 Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N65 UTC-1N65 Datasheet
297Kb / 6P
   1.2A, 650V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
   1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
   1.2A, 700V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com