Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJ1N60-TB Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # NJ1N60-TB
Description  1.2A 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

NJ1N60-TB Datasheet(HTML) 2 Page - Nanjing International Group Co

  NJ1N60-TB Datasheet HTML 1Page - Nanjing International Group Co NJ1N60-TB Datasheet HTML 2Page - Nanjing International Group Co NJ1N60-TB Datasheet HTML 3Page - Nanjing International Group Co NJ1N60-TB Datasheet HTML 4Page - Nanjing International Group Co NJ1N60-TB Datasheet HTML 5Page - Nanjing International Group Co NJ1N60-TB Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
1.2
A
Continuous Drain Current
ID
1.2
A
Pulsed Drain Current (Note 2)
IDM
4.8
A
Single Pulsed (Note 3)
EAS
50
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
4.0
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-251/ TO-252
28
W
TO-220F
21
W
TO-92(Ta=25℃)
1
W
Power Dissipation
PD
Junction Temperature
TJ
+150
Operating Temperature
TOPR
-55 ~ +150
Storage Temperature
TSTG
-55 ~ +150
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 60mH, IAS = 1A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 1.2A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-251/ TO-252
110
TO-220F
62.5
TO-92
140
Junction to Ambient
θJA
/W
TO-251/ TO-252
4.53
TO-220F
5.95
Junction to Case
θJc
/W
NJ1N60 POWER MOSFET


Similar Part No. - NJ1N60-TB

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
NJ1.5-PD-E02-1.250-V95 PF-NJ1.5-PD-E02-1.250-V95 Datasheet
271Kb / 2P
   Inductive sensor
NJ1.5-PD-US-1.250-V93 PF-NJ1.5-PD-US-1.250-V93 Datasheet
270Kb / 2P
   Inductive sensor
NJ10-22-N PF-NJ10-22-N Datasheet
197Kb / 2P
   Inductive sensor
NJ10-22-N-G PF-NJ10-22-N-G Datasheet
180Kb / 2P
   Inductive sensor
NJ10-22-N-G-5M PF-NJ10-22-N-G-5M Datasheet
180Kb / 2P
   Inductive sensor
More results

Similar Description - NJ1N60-TB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60Z UTC-1N60Z Datasheet
249Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60P UTC-1N60P Datasheet
274Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N60 UTC-1N60_11 Datasheet
282Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
1N65 UTC-1N65 Datasheet
297Kb / 6P
   1.2A, 650V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
   1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
   1.2A, 700V N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com