Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRD15-Q48-S3 Datasheet(PDF) 9 Page - CUI INC

Part # PRD15-Q48-S3
Description  DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRD15-Q48-S3 Datasheet(HTML) 9 Page - CUI INC

Back Button PRD15-Q48-S3 Datasheet HTML 5Page - CUI INC PRD15-Q48-S3 Datasheet HTML 6Page - CUI INC PRD15-Q48-S3 Datasheet HTML 7Page - CUI INC PRD15-Q48-S3 Datasheet HTML 8Page - CUI INC PRD15-Q48-S3 Datasheet HTML 9Page - CUI INC PRD15-Q48-S3 Datasheet HTML 10Page - CUI INC PRD15-Q48-S3 Datasheet HTML 11Page - CUI INC PRD15-Q48-S3 Datasheet HTML 12Page - CUI INC PRD15-Q48-S3 Datasheet HTML 13Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
cui.com
date 03/28/2016
│ page 9 of 14
CUI Inc
│ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER
EFFICIENCY CURVES (CONTINUED)
Load Current (Amps)
0.20.3
0.40.5
0.60.7
0.80.9
11.1
1.21.3
70
72
74
76
78
80
82
84
86
88
90
Vin = 48 V
Vin = 75 V
Vin = 18 V
Vin = 24 V
PRD15-Q48-S12EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
Load Current (Amps)
74
76
78
80
82
84
86
88
90
0.10.2
0.30.4
0.50.6
0.70.8
0.91
1.1
Vin = 24 V
Vin = 36 V
Vin = 9 V
PRD15-Q24-S15EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
Load Current (Amps)
60
65
70
75
80
85
90
95
0.07
0.18
0.28
0.38
0.49
0.59
0.69
0.80
0.90
1.00
1.10
Vin = 24 V
Vin = 48 V
Vin = 75 V
Vin = 18 V
PRD15-Q48-S15EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
Load Current (Amps)
60
65
70
75
80
85
90
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3
Vin = 24 V
Vin = 36 V
Vin = 9 V
Vin = 18 V
PRD15-Q24-S12EfficiencyCurve
(Efficiencyvs.LineVoltageandLoadCurrent@25°C)
For more information, please visit the product page.


Similar Part No. - PRD15-Q48-S3

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRD15-Q48-S3 CUI-PRD15-Q48-S3 Datasheet
840Kb / 14P
   DC-DC CONVERTER
More results

Similar Description - PRD15-Q48-S3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com