Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUINT1500LCD2U Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SUINT1500LCD2U
Description  SmartOnline 208/230V 1.5kVA 1.35kW Double-Conversion UPS, 2U, Extended Run, SNMP Card Option, LCD, USB, DB9, ENERGY STAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SUINT1500LCD2U Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SUINT1500LCD2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SUINT1500LCD2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SUINT1500LCD2U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SUINT1500LCD2U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SUINT1500LCD2U Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SUINT1500LCD2U Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Minimum Required Rack Depth (cm)
66
UPS Power Module Weight (lbs.)
44.88
UPS Power Module Weight (kg)
20.4
UPS Shipping Dimensions (hwd / in.)
9.45 x 22.24 x 27.56
UPS Shipping Dimensions (hwd /
cm)
24.0 x 56.5 x 70.0
Shipping Weight (lbs.)
53.86
Shipping Weight (kg)
24.5
Cooling Method
Fan
UPS Housing Material
Metal
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius.
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius.
Relative Humidity
5 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
330
AC Economy Mode BTU / Hr. (Full
Load)
142.4
Battery Mode BTU / Hr. (Full Load)
687.9
AC Mode Efficiency Rating (100%
Load)
>93%
AC Economy Mode Efficiency Rating
(100% Load)
>97%
Audible Noise
<45dB at front side 1M
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; Contact closure; EPO (emergency power off); Slot for SNMP/Web interface
PowerAlert Software
Available for download at www.tripplite.com
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
No transfer time (0 ms.) in online, double-conversion mode; 2-12 ms. transfer time during economy mode operation
Low Voltage Transfer to Battery
Power (Setpoint)
160V (100% load), 140V (66% load), 120V (33% load)
High Voltage Transfer to Battery
Power (Setpoint)
288V
SPECIAL FEATURES
5 / 6


Similar Part No. - SUINT1500LCD2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUINT1500LCD2UN TRIPPLITE-SUINT1500LCD2UN Datasheet
174Kb / 6P
   208/230V 1500VA 1350W Double-Conversion UPS - 6 Outlets, Extended Run, WEBCARDLX, LCD, USB, DB9, 2U
More results

Similar Description - SUINT1500LCD2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUINT2200LCD2U TRIPPLITE-SUINT2200LCD2U Datasheet
512Kb / 6P
   SmartOnline 208/230V 2.2kVA 1.98kW Double-Conversion UPS, 2U, Extended Run, SNMP Card Option, LCD, USB, DB9, ENERGY STAR
SUINT1000LCD2U TRIPPLITE-SUINT1000LCD2U Datasheet
172Kb / 6P
   SmartOnline 208/230V 1kVA 900W Double-Conversion UPS, 2U, Extended Run, SNMP Card Option, LCD, USB, DB9
SU1500RTXLCDN TRIPPLITE-SU1500RTXLCDN Datasheet
184Kb / 6P
   SmartOnline 120V 1.5kVA 1.35kW Double-Conversion UPS, 2U Rack/Tower, Extended Run, WEBCARDLX Network Interface, LCD, USB, DB9
SU1500XLCD TRIPPLITE-SU1500XLCD Datasheet
565Kb / 6P
   SmartOnline 100-127V 1.5kVA 1.35kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, LCD display, USB, DB9 Serial
SU1500RTXLCD2U TRIPPLITE-SU1500RTXLCD2U Datasheet
445Kb / 6P
   SmartOnline 120V 1.5kVA 1.35kW Double-Conversion UPS, 2U Rack/Tower, Extended
SUINT3000LCD2U TRIPPLITE-SUINT3000LCD2U Datasheet
172Kb / 7P
   SmartOnline 208/230V 3kVA 2.7kW Double-Conversion UPS, 2U Rack/Tower, Extended Run, Network Card Slot, LCD, USB, DB9
SUINT1000LCD2UN TRIPPLITE-SUINT1000LCD2UN Datasheet
174Kb / 6P
   208/230V 1000VA 900W Double-Conversion UPS - 6 Outlets, Extended Run, WEBCARDLX, LCD, USB, DB9, 2U
SUINT1500LCD2UN TRIPPLITE-SUINT1500LCD2UN Datasheet
174Kb / 6P
   208/230V 1500VA 1350W Double-Conversion UPS - 6 Outlets, Extended Run, WEBCARDLX, LCD, USB, DB9, 2U
SUINT3000LCD2UN TRIPPLITE-SUINT3000LCD2UN Datasheet
174Kb / 6P
   208/230V 3000VA 2700W Double-Conversion UPS - 10 Outlets, Extended Run, WEBCARDLX, LCD, USB, DB9, 2U
SMX1500XLRT2U TRIPPLITE-SMX1500XLRT2U Datasheet
507Kb / 5P
   SmartPro 230V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com