Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N370-06M Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N370-06M
Description  Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 6 m (20 ft.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N370-06M Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N370-06M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N370-06M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
6
PHYSICAL
Color
Yellow
CONNECTIONS
Connector A
LC DUPLEX (MALE)
Connector B
LC DUPLEX (MALE)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - N370-06M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N370-01M TRIPPLITE-N370-01M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
N370-01M-T TRIPPLITE-N370-01M-T Datasheet
168Kb / 3P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), Push/Pull Tabs, 1 m (3 ft.)
N370-02M TRIPPLITE-N370-02M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N370-02M-T TRIPPLITE-N370-02M-T Datasheet
167Kb / 3P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), Push/Pull Tabs, 2 m (6 ft.)
N370-03M TRIPPLITE-N370-03M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
More results

Similar Description - N370-06M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N370-20M TRIPPLITE-N370-20M Datasheet
495Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 20 m (65 ft.)
N370-02M TRIPPLITE-N370-02M Datasheet
162Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
N37002M TRIPPLITE-N37002M Datasheet
473Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N370-40M TRIPPLITE-N370-40M Datasheet
495Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 40 m (131 ft.)
N370-25M TRIPPLITE-N370-25M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 25 m (82 ft.)
N370-07M TRIPPLITE-N370-07M Datasheet
163Kb / 3P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 7 m (23 ft.)
N370-30M TRIPPLITE-N370-30M Datasheet
495Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 30 m (100 ft.)
N370-08M TRIPPLITE-N370-08M Datasheet
494Kb / 2P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 8 m (26 ft.)
N370-50M TRIPPLITE-N370-50M Datasheet
164Kb / 3P
   Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 50 m (164 ft.)
N37005M TRIPPLITE-N37005M Datasheet
473Kb / 2P
   Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 5M (16-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com