Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT-6635C-030 Datasheet(PDF) 1 Page - CUI INC

Part # CMT-6635C-030
Description  MAGNETIC BUZZER TRANSDUCER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMT-6635C-030 Datasheet(HTML) 1 Page - CUI INC

  CMT-6635C-030 Datasheet HTML 1Page - CUI INC CMT-6635C-030 Datasheet HTML 2Page - CUI INC CMT-6635C-030 Datasheet HTML 3Page - CUI INC CMT-6635C-030 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 03/29/2016
page 1 of 4
cui.com
MODEL: CMT-6635C-030
│ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
FEATURES
• externally driven
• wave solderable
• rated frequency of 3000 Hz
Vo-p
0V
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3.0
Vo-p
operating voltage
2.0
5.0
Vo-p
current consumption
at rated voltage, 3,000 Hz square wave, ½ duty
80
mA
rated frequency
3,000
Hz
sound pressure level
at 10 cm (A-weight), rated voltage, 3,000 Hz
square wave, ½ duty
75
80
dBA
coil resistance
13
16
19
dimensions
Ø6.6 x 3.5
mm
weight
0.4
g
material
PPO
terminal
pin type (Au plating)
operating temperature
-20
60
°C
storage temperature
-30
70
°C
RoHS
2011/65/EU
Notes:
1.Allspecificationsmeasuredat5~35°C,humidityat45~85%,under86~106kPapressure,unlessotherwisenoted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
seerecommendedwavesolderingprofile
250
°C
3 Sec Max
Time (sec)
Wave Solder Profile
2~5 °C/Sec
130 °C/Sec
2~5 °C/Sec
40 Sec
60 Sec
100 Sec
1.5
Sec Max
Preheating
Melting
Cooling
25
110
250
For more information, please visit the product page.


Similar Part No. - CMT-6635C-030

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMT-6635C-030 CUI-CMT-6635C-030 Datasheet
512Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
logo
CUI Devices
CMT-6635C-030 CUID-CMT-6635C-030 Datasheet
494Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CMT-6635C-030 CUI-CMT-6635C-030_V01 Datasheet
512Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
More results

Similar Description - CMT-6635C-030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-8540S-SMT-TR CUI-CMT-8540S-SMT-TR Datasheet
642Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
CEM-1201 CUI-CEM-1201_V01 Datasheet
401Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
12/20/2019
CSS-0578-SMT-TR CUI-CSS-0578-SMT-TR Datasheet
488Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
CSS-73B16K-SMT-TR CUI-CSS-73B16K-SMT-TR Datasheet
563Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
03/22/2021
CMT-8530S-SMT-TR CUI-CMT-8530S-SMT-TR_V01 Datasheet
531Kb / 5P
   MAGNETIC BUZZER TRANSDUCER
03/02/2021
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com