Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT-2412C-050 Datasheet(PDF) 3 Page - CUI INC

Part # CMT-2412C-050
Description  MAGNETIC BUZZER TRANSDUCER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMT-2412C-050 Datasheet(HTML) 3 Page - CUI INC

  CMT-2412C-050 Datasheet HTML 1Page - CUI INC CMT-2412C-050 Datasheet HTML 2Page - CUI INC CMT-2412C-050 Datasheet HTML 3Page - CUI INC CMT-2412C-050 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cui.com
CUI Inc
│ MODEL: CMT-2412C-050 │ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
date 03/31/2016
│ page 3 of 4
PACKAGING
units: mm
Tray Size: 315 x 170 x 280 mm
Carton Size: 520 x 330 x 280 mm
Tray QTY: 50 pcs per tray
Carton QTY: 1,500 pcs per carton
Lot No.
Model No.
Quantity.
Pcs
Date:
G
CUI Inc
XXXXXXXXXX
XXXXXXXXXX
XXXX
DD MM YY
MADE IN CHINA
The label is placed on the inner
boxes and outer carton.
For more information, please visit the product page.


Similar Part No. - CMT-2412C-050

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMT-2412C-050 CUI-CMT-2412C-050 Datasheet
492Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
12/11/2019
logo
CUI Devices
CMT-2412C-050 CUID-CMT-2412C-050 Datasheet
473Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CMT-2412C-050 CUI-CMT-2412C-050_V01 Datasheet
492Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
12/11/2019
More results

Similar Description - CMT-2412C-050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-8540S-SMT-TR CUI-CMT-8540S-SMT-TR Datasheet
642Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
CEM-1201 CUI-CEM-1201_V01 Datasheet
401Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
12/20/2019
CSS-0578-SMT-TR CUI-CSS-0578-SMT-TR Datasheet
488Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
CSS-73B16K-SMT-TR CUI-CSS-73B16K-SMT-TR Datasheet
563Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
03/22/2021
CMT-8530S-SMT-TR CUI-CMT-8530S-SMT-TR_V01 Datasheet
531Kb / 5P
   MAGNETIC BUZZER TRANSDUCER
03/02/2021
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com