Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT-1411R-SMT Datasheet(PDF) 1 Page - CUI INC

Part # CMT-1411R-SMT
Description  MAGNETIC BUZZER TRANSDUCER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CMT-1411R-SMT Datasheet(HTML) 1 Page - CUI INC

  CMT-1411R-SMT Datasheet HTML 1Page - CUI INC CMT-1411R-SMT Datasheet HTML 2Page - CUI INC CMT-1411R-SMT Datasheet HTML 3Page - CUI INC CMT-1411R-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 03/31/2016
page 1 of 4
cui.com
MODEL: CMT-1411R-SMT
│ DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
FEATURES
• externally driven
• SMT
• 93 dB SPL
Vo-p
0V
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
5.0
Vo-p
operating voltage
4.0
7.0
Vo-p
current consumption
at rated voltage, 3,200 Hz square wave, ½ duty
90
mA
rated frequency
3,200
Hz
sound pressure level
at 10 cm (A-weight), rated voltage, 3,200 Hz
square wave, ½ duty
87
93
dBA
coil resistance
36.5
43.0
49.5
dimensions
14.0 x 11.0 x 3.0
mm
weight
0.9
g
material
LCP
terminal
SMT type (Sn plating)
operating temperature
-40
85
°C
storage temperature
-50
85
°C
RoHS
2011/65/EU
Notes:
1.Addsuffix“-TR”tothemodelfortape&reelpackaging
2.Allspecificationsmeasuredat5~35°C,humidityat45~85%,under86~106kPapressure,unlessotherwisenoted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reflowsoldering
seerecommendedreflowsolderingprofile
260
°C
Peak Temp 260°C
255°C
217°C
200°C
150°C
60~180 sec
60~150 sec
20~40 sec
Time (sec)
SMT Reflow Solder Profile (Pb Free)
For more information, please visit the product page.


Similar Part No. - CMT-1411R-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMT-1411R-SMT-TR CUI-CMT-1411R-SMT-TR Datasheet
591Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
logo
CUI Devices
CMT-1411R-SMT-TR CUID-CMT-1411R-SMT-TR Datasheet
570Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results

Similar Description - CMT-1411R-SMT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
   Magnetic transducer Buzzer
logo
CUI INC
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CMT-8540S-SMT-TR CUI-CMT-8540S-SMT-TR Datasheet
642Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
11/22/2019
CEM-1201 CUI-CEM-1201_V01 Datasheet
401Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
12/20/2019
CSS-0578-SMT-TR CUI-CSS-0578-SMT-TR Datasheet
488Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
CSS-73B16K-SMT-TR CUI-CSS-73B16K-SMT-TR Datasheet
563Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
03/22/2021
CMT-8530S-SMT-TR CUI-CMT-8530S-SMT-TR_V01 Datasheet
531Kb / 5P
   MAGNETIC BUZZER TRANSDUCER
03/02/2021
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com