Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

15SMCJ65 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part No. 15SMCJ65
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

15SMCJ65 Datasheet(HTML) 3 Page - Diotec Semiconductor

  15SMCJ65 Datasheet HTML 1Page - Diotec Semiconductor 15SMCJ65 Datasheet HTML 2Page - Diotec Semiconductor 15SMCJ65 Datasheet HTML 3Page - Diotec Semiconductor 15SMCJ65 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
25.02.2003
1.5 SMCJ 6.5 ... 1.5 SMCJ 170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
1.5 SMCJ 36
36
5
40.0
48.8
64.3
23.3
1.5 SMCJ 36A
36
5
40.0
44.4
58.1
25,8
1.5 SMCJ 40
40
5
44.4
54.2
71.4
21,0
1.5 SMCJ 40A
40
5
44.4
49.3
64.5
23,3
1.5 SMCJ 43
43
5
47.8
58.3
76.7
19,6
1.5 SMCJ 43A
43
5
47.8
53.1
69.4
21,6
1.5 SMCJ 45
45
5
50.0
61.0
80.3
18,7
1.5 SMCJ 45A
45
5
50.0
55.5
72.7
20,6
1.5 SMCJ 48
48
5
53.3
65.0
85.5
17,5
1.5 SMCJ 48A
48
5
53.3
59.2
77.4
19,4
1.5 SMCJ 51
51
5
56.7
69.2
91.1
16,5
1.5 SMCJ 51A
51
5
56.7
62.9
82.4
18,2
1.5 SMCJ 54
54
5
60.0
73.2
96.3
15,6
1.5 SMCJ 54A
54
5
60.0
66.6
87.1
17,2
1.5 SMCJ 58
58
5
64.4
78.6
103
14,6
1.5 SMCJ 58A
58
5
64.4
71.5
93.6
16,0
1.5 SMCJ 60
60
5
66.7
81.4
107
14,0
1.5 SMCJ 60A
60
5
66.7
74.0
96.8
15,5
1.5 SMCJ 64
64
5
71.1
86.7
114
13,2
1.5 SMCJ 64A
64
5
71.1
78.9
103
14,6
1.5 SMCJ 70
70
5
77.8
94.9
125
12,0
1.5 SMCJ 70A
70
5
77.8
86.4
113
13,3
1.5 SMCJ 75
75
5
83.3
102
134
11,2
1.5 SMCJ 75A
75
5
83.3
92.5
121
12,4
1.5 SMCJ 78
78
5
86.7
106
139
10,8
1.5 SMCJ 78A
78
5
86.7
96.2
126
11,9
1.5 SMCJ 85
85
5
94.4
115
151
9,9
1.5 SMCJ 85A
85
5
94.4
105
137
10,9
1.5 SMCJ 90
90
5
100
122
160
9,4
1.5 SMCJ 90A
90
5
100
111
146
10,3
1.5 SMCJ 100
100
5
111
135
179
8,4
1.5 SMCJ 100A
100
5
111
123
162
9,3
1.5 SMCJ 110
110
5
122
149
196
7,7
1.5 SMCJ 110A
110
5
122
135
177
8,5
1.5 SMCJ 120
120
5
133
162
214
7,0
1.5 SMCJ 120A
120
5
133
148
193
7,8
1.5 SMCJ 130
130
5
144
176
231
6,5
1.5 SMCJ 130A
130
5
144
160
209
7,2
1.5 SMCJ 150
150
5
167
204
268
5,6
1.5 SMCJ 150A
150
5
167
185
243
6,2
1.5 SMCJ 160
160
5
178
217
287
5,2
1.5 SMCJ 160A
160
5
178
198
259
5,8
1.5 SMCJ 170
170
5
189
231
304
4,9
1.5 SMCJ 170A
170
5
189
210
275
5,5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn