Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MBS2 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part No. MBS2
Description  0.8A, 200V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo 

MBS2 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
4.50
4.90
0.177
0.193
B
0.56
0.84
0.022
0.033
C
3.60
5.00
0.142
0.197
D
-
6.90
-
0.272
E
2.20
2.60
0.087
0.102
F
2.30
2.70
0.091
0.106
G
-
0.20
-
0.008
H
-
2.90
-
0.114
I
0.95
1.53
0.037
0.060
J
0.70
1.10
0.028
0.043
K
0.15
0.35
0.006
0.014
L
1.10
2.12
0.043
0.083
Symbol
A
B
C
D
E
F
P/N
= Specific Device Code
YW
= Date Code
F
= Factory Code
Document Number: DS_D1410054
Version: O15
MARKING DIAGRAM
Unit (mm)
1.7
0.9
4.4
8.1
1.3
6.3
SUGGESTED PAD LAYOUT
MBS2 - MBS10
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
MBS
0.248
Unit (inch)
0.067
0.035
0.173
0.319
0.051
0
5
10
15
20
25
30
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
f=1.0MHz
Vslg=50mVp-p


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn