Electronic Components Datasheet Search |
|
P4KE220A Datasheet(PDF) 3 Page - Diotec Semiconductor |
|
P4KE220A Datasheet(HTML) 3 Page - Diotec Semiconductor |
3 / 4 page 3 07.01.2003 P4 KE 6.8 ... P4 KE 440CA Maximum ratings Grenzwerte Type Typ Breakdown voltage at I T = 1 mA Abbruch-Spanng. bei I T = 1 mA *) at / bei I T = 10 mA Stand-off voltage Sperrspg. Max. rev. current Max. Sperrstrom at / bei V WM Max. clamping voltage Max. Begrenzerspanng. at / bei I PPM (10/1000 :s) V BR [V] V WM [V] I D [ :A] V C [V] I PPM [A] P4 KE51A 51 ± 5% 48.5...53.6 43.6 5 70.1 6.0 P4 KE56 56 ± 10% 50.4...61.6 45.4 5 80.5 5.2 P4 KE56A 56 ± 5% 53.2...58.8 47.8 5 77.0 5.4 P4 KE62 62 ± 10% 55.8...68.8 50.2 5 89.0 4.7 P4 KE62A 62 ± 5% 58.9...65.1 53.0 5 85.0 5.0 P4 KE68 68 ± 10% 61.2...74.8 55.1 5 98.0 4.2 P4 KE68A 68 ± 5% 64.6...71.4 58.1 5 92.0 4.5 P4 KE75 75 ± 10% 67.5...82.5 60.7 5 108 3.8 P4 KE75A 75 ± 5% 71.3...78.8 64.1 5 103 4.0 P4 KE82 82 ± 10% 73.8...90.2 66.4 5 118 3.5 P4 KE82A 82 ± 5% 77.9...86.1 70.1 5 113 3.7 P4 KE91 91 ± 10% 81.9...100 73.7 5 131 3.2 P4 KE91A 91 ± 5% 86.5...95.5 77.8 5 125 3.3 P4 KE100 100 ± 10% 90.0...110 81.0 5 144 2.9 P4 KE100A 100 ± 5% 95.0...105 85.5 5 137 3.0 P4 KE110 110 ± 10% 99.0...121 89.2 5 158 2.6 P4 KE110A 110 ± 5% 105...116 94.0 5 152 2.7 P4 KE120 120 ± 10% 108...132 97.2 5 173 2.4 P4 KE120A 120 ± 5% 114...126 102 5 165 2.5 P4 KE130 130 ± 10% 117...143 105 5 187 2.2 P4 KE130A 130 ± 5% 124...137 111 5 179 2.3 P4 KE150 150 ± 10% 135...165 121 5 215 1.9 P4 KE150A 150 ± 5% 143...158 128 5 207 2.0 P4 KE160 160 ± 10% 144...176 130 5 230 1.8 P4 KE160A 160 ± 5% 152...168 136 5 219 1.9 P4 KE170 170 ± 10% 153...187 138 5 244 1.7 P4 KE170A 170 ± 5% 162...179 145 5 234 1.8 P4 KE180 180 ± 10% 162...198 146 5 258 1.6 P4 KE180A 180 ± 5% 171...189 154 5 246 1.7 P4 KE200 200 ± 10% 180...220 162 5 287 1.4 P4 KE200A 200 ± 5% 190...210 171 5 274 1.5 P4 KE220 220 ± 10% 198...242 175 5 344 1.2 P4 KE220A 220 ± 5% 209...231 185 5 328 1.3 P4 KE250 250 ± 10% 225...275 202 5 360 1.1 P4 KE250A 250 ± 5% 237...263 214 5 344 1.2 P4 KE300 300 ± 10% 270...330 243 5 430 0.97 P4 KE300A 300 ± 5% 285...315 256 5 414 1.0 P4 KE350 350 ± 10% 315...385 284 5 504 0.83 P4 KE350A 350 ± 5% 332...368 300 5 482 0.87 P4 KE400 400 ± 10% 360...440 324 5 574 0.73 P4 KE400A 400 ± 5% 380...420 342 5 548 0.76 P4 KE440 440 ± 10% 396...484 356 5 631 0.66 P4 KE440A 440 ± 5% 418...462 376 5 602 0.69 |
Similar Part No. - P4KE220A |
|
Similar Description - P4KE220A |