Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2374PCK-411 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2374PCK-411
Description  3V LOW NOISE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374PCK-411 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2374PCK-411 Datasheet HTML 3Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 4Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 5Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 6Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 7Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 8Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 9Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 10Page - RF Micro Devices RF2374PCK-411 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7 of 15
RF2374
DS140519
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic - 869MHz to 894MHz Tune
Application Schematic for Wide Band Tune
WiBRO/WiFiWiFi/WiMAX (2.3GHz to 3.8GHz)
1
2
3
4
6
5
8
7
C1
22 nF
J1
RF IN
R1
1.8 k
Ω
VREF
GAIN SELECT
L1
3.9 nH
C2
3.9 pF
C3
10 pF
J2
RF OUT
C4
100 pF
C5
10 nF
VCC
P1-1
VCC
P1-4
VREF
P1-3
GAIN SELECT
GND
P1
1
2
3
4
CON4
50
Ω μstrip
50
Ω μstrip
100
Ω
Only needed below 1500
MHz to lower gain, improve
RL, and maintain stability.
1
2
3
4
6
5
8
7
C1
22 nF
J1
RF IN
R1
1.8 k
Ω
VREF
GAIN SELECT
L1
1.8 nH
C2
DNP
C3
2.0 pF
J2
RF OUT
C4
100 pF
C5
10 nF
VCC
P1-1
VCC
P1-4
VREF
P1-3
GAIN SELECT
GND
P1
1
2
3
4
CON4
50
Ω μstrip
50
Ω μstrip


Similar Part No. - RF2374PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2374PCBA-410 RFMD-RF2374PCBA-410 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2374PCBA-411 RFMD-RF2374PCBA-411 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2374PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
   3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com