Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2374 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2374
Description  3V LOW NOISE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2374 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2374_14 Datasheet HTML 1Page - RF Micro Devices RF2374_14 Datasheet HTML 2Page - RF Micro Devices RF2374_14 Datasheet HTML 3Page - RF Micro Devices RF2374_14 Datasheet HTML 4Page - RF Micro Devices RF2374_14 Datasheet HTML 5Page - RF Micro Devices RF2374_14 Datasheet HTML 6Page - RF Micro Devices RF2374_14 Datasheet HTML 7Page - RF Micro Devices RF2374_14 Datasheet HTML 8Page - RF Micro Devices RF2374_14 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1
2
3
4
6
5
8
7
Logic
Control
RF IN
GND
GND
RF OUT
RF2374
3V LOW NOISE AMPLIFIER
The RF2374 is a switchable low noise amplifier with a high dynamic range
designed for digital cellular and WiFi applications. The device functions as
an outstanding front end low noise amplifier with ICC as low as 3mA. The
bias current may be set externally. The IC is featured in a
2.2mmx2.2mmx0.6mm module-compatible plastic package.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Power Down Control
Low Insertion Loss Bypass
Feature
1.8V to 4V Operation (See
Note: Page 2)
800MHz to 3.8GHz
Operation
ESD Class 1B
Applications
WiFi LNA with Bypass Feature
CDMA PCS LNA with Bypass
Feature
GPS LNA with Bypass Feature
General Purpose
Amplification
WiMAX LNA with Bypass
Function
CDMA 800 LNA
CMMB LNA
LTE Bands LNA
DS140519
Package Style: QFN, 8-Pin, 2.2mmx2.2mmx0.55mm


Similar Part No. - RF2374_14

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2374PCBA-410 RFMD-RF2374PCBA-410 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2374PCBA-411 RFMD-RF2374PCBA-411 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2374_14

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_11 Datasheet
654Kb / 11P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370_1 Datasheet
291Kb / 6P
   3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com