Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGR-0118ZTR13 Datasheet(PDF) 11 Page - RF Micro Devices

Part # CGR-0118ZTR13
Description  DUAL CATV 5MHz to 65MHz CATV AMP IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGR-0118ZTR13 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button CGR-0118ZTR13 Datasheet HTML 6Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 7Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 8Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 9Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 10Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 11Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 12Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 13Page - RF Micro Devices CGR-0118ZTR13 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11 of 14
DS101203
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGR-0118Z
12V Evaluation Board Layout
Value
Qty.
Location
2pF
2
C10, C14
3.3pF
1
C1
0.1uF
2
C8, C9
1uF
7
C2, C3, C4, C5, C7, C12, C13
10uF
2
C6, C11
100 Ohms
2
R1, R2
10uH (1008 PS-103 KLB)
2
L1, L2
RFMD™ XFM-0201-1WH
2
T1, T2


Similar Part No. - CGR-0118ZTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118ZTR13 RFMD-CGR-0118ZTR13 Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
More results

Similar Description - CGR-0118ZTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGR-0118Z RFMD-CGR-0118Z Datasheet
840Kb / 14P
   DUAL CATV 5MHz to 65MHz CATV AMP IC
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
Panasonic Semiconductor
DN8522S PANASONIC-DN8522S Datasheet
34Kb / 3P
   Prescaler IC for CATV
logo
RF Micro Devices
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
TriQuint Semiconductor
TGA2801D TRIQUINT-TGA2801D Datasheet
280Kb / 9P
   CATV Ultra-Linear Power Amp
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
logo
TriQuint Semiconductor
TGA2801D-SG TRIQUINT-TGA2801D-SG Datasheet
326Kb / 9P
   CATV Ultra-Linear Power Amp
TGA2801B TRIQUINT-TGA2801B Datasheet
272Kb / 8P
   CATV Ultra-Linear Power Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com