Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH2MPZ150MGR Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH2MPZ150MGR
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH2MPZ150MGR Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH2MPZ150MGR Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH2MPZ150MGR Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH2MPZ150MGR#
# indicates a package specification code.
< List of part numbers with package codes >
LQH2MPZ150MGRL
Shape
L size
2.0 ±0.1mm
W size
1.6 ±0.1mm
T size
0.9 ±0.05mm
Size code in inch (mm)
0806 (2016)
Specifications
Inductance
15µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
490mA
Rated current (Itemp) (Based on Temperature rise)
340mA(Ambient temperature
85℃)
200mA(Ambient temperature
105℃)
Max. of DC resistance
2.04Ω
Avg. of DC resistance
1.7Ω±20%
Self resonance frequency (min.)
25MHz
Operating temperature range (Self-temperature
rise is included)
-40∼125℃
Operating temperature range (Self-temperature
rise is not included)
-40∼105℃
Class of magnetic shield
Magnetic shield of ferrite
Notes
When applied Rated current to the Products, Inductance will be within ±30% of
initial inductance value range.
Keep the temperature(ambient temperature plus self-generation of heat) under
125℃.
When applied rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 40℃ max.(Ambient temperature 85℃).
When applied rated current to the Products,temperature rise caused by
self-generated heat shall be limited to 20℃ max.(Ambient temperature 85-105℃).
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
3000
Mass (Typ.)
1 piece
0.019g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQH2MPZ150MGR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2MPZ100MGR MURATA-LQH2MPZ100MGR Datasheet
87Kb / 2P
   Inductance
LQH2MPZ100MGRL MURATA-LQH2MPZ100MGRL Datasheet
87Kb / 2P
   Inductance
LQH2MPZ1R0NGR MURATA-LQH2MPZ1R0NGR Datasheet
87Kb / 2P
   Inductance
LQH2MPZ1R0NGRL MURATA-LQH2MPZ1R0NGRL Datasheet
87Kb / 2P
   Inductance
LQH2MPZ1R5NGR MURATA-LQH2MPZ1R5NGR Datasheet
88Kb / 2P
   Inductance
More results

Similar Description - LQH2MPZ150MGR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com