Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM2MPZ4R7MG0L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM2MPZ4R7MG0L
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM2MPZ4R7MG0L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM2MPZ4R7MG0L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM2MPZ4R7MG0L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQM2MPZ4R7MG0#
# indicates a package specification code.
< List of part numbers with package codes >
LQM2MPZ4R7MG0L , LQM2MPZ4R7MG0B
Shape
L size
2.0 ±0.15mm
W size
1.6 ±0.15mm
T size
0.9 ±0.1mm
Size code in inch (mm)
0806 (2016)
Specifications
Inductance
4.7µH ±20%
Inductance test frequency
1MHz
Rated current (Itemp) (Based on Temperature
rise)
1.1A(Ambient temperature 85℃)
0.8A(Ambient temperature
125℃)
Max. of DC resistance
0.175Ω
Avg. of DC resistance
0.14Ω(typ.)
Self resonance frequency (min.)
20MHz
Operating temperature range
-55∼125℃
Class of magnetic shield
Magnetic shield of ferrite
Notes
In operating temperature exceeding +85℃, derating of current is necessary for
LQM2MPN_G0 series.
Please apply the derating curve shown in chart according to the operating
temperature.
Please confirm the below "Notice (Rating)".
When applied Rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 40 ℃ max.
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
3000
Packing in bulk
1000
Mass (Typ.)
1 piece
0.012g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQM2MPZ4R7MG0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2MPZ4R7NG0 MURATA-LQM2MPZ4R7NG0 Datasheet
90Kb / 2P
   Inductance
LQM2MPZ4R7NG0B MURATA-LQM2MPZ4R7NG0B Datasheet
90Kb / 2P
   Inductance
LQM2MPZ4R7NG0L MURATA-LQM2MPZ4R7NG0L Datasheet
90Kb / 2P
   Inductance
More results

Similar Description - LQM2MPZ4R7MG0L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com