Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL914 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # LL914
Description  Silicon Epitaxial Planar Switching Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

LL914 Datasheet(HTML) 1 Page - Nanjing International Group Co

  LL914 Datasheet HTML 1Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL914...LL4454
Silicon Epitaxial Planar Switching Diode
for general purpose and switching.
Peak
Reverse
Voltage
Aver.
Rectified
Current
Power Dissip.
at 25
oC
Junction
Temperature
Forward Voltage
Reverse Current
Reverse Recovery Time
VRM
IF(AV)
Ptot
Tj
VF
at IF
IR
at VR
trr
Type
(V)
Max. (mA)
(mW)
(
oC)
Max. (V)
(mA)
Max. (nA)
(V)
Max.(ns)
Conditions
LL914
100
75
500
200
1
10
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4149
100
150
500
200
1
10
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4151
75
150
500
200
1
50
50
50
2
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4152
40
150
400
175
0.55
0.1
50
30
2
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4153
75
150
400
175
0.55
0.1
50
50
2
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
LL4154
35
150
500
200
1
30
100
25
2
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
LL4447
100
150
500
200
1
20
25
20
4
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
LL4449
100
150
500
200
1
30
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4450
40
150
400
175
0.54
0.5
50
30
4
IF = IR = 10 mA, to IR = 1 mA
LL4451
40
150
400
175
0.5
0.1
50
30
10
IF = IR = 10 mA, to IR = 1 mA
LL4453
30
150
400
175
0.55
0.01
50
20
-
-
LL4454
75
150
400
175
1
10
100
50
4
IF = IR = 10 mA, to IR = 1 mA
LL-34


Similar Part No. - LL914

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL914 SEMTECH_ELEC-LL914 Datasheet
113Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Pan Jit International I...
LL914 PANJIT-LL914 Datasheet
87Kb / 3P
   SWITCHING DIODES
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
Taiwan Semiconductor Co...
LL914B TSC-LL914B Datasheet
69Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
104Kb / 2P
   500mW High Speed SMD Switching Diode
More results

Similar Description - LL914

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com