Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5C3309 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part No. PI5C3309
Description  3:1 Mux/DeMux Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3309 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3309_12 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3309_12 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3309_12 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3309_12 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI5C3309
3:1 Mux/DeMux Bus Switch
3
www.pericom.com
P-0.1
08/03/12
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
ICC
QuiescentPowerSupply
Current
VCC=Max.
VIN=GNDorVCC
0.1
3.0
µA
∆ICC
SupplyCurrentperInput@
TTLHIGH
VIN=3.4V(3)
2.5
mA
ICCD
SupplyCurrentperInputper
MHz(4)
VCC=Max.,
IandYpinsopen
ControlInputTog-
gling50%Duty
Cycle
0.25
mA/
MHz
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevice.
2. TypicalvaluesareatVCC=5.0V,+25°Cambient.
3. PerTTLdriveninput(VIN=3.4V,controlinputsonly);IandYpinsdonotcontributetoICC.
4.Thiscurrentappliestothecontrolinputsonlyandrepresentthecurrentrequiredtoswitchinternalcapacitanceatthespecifiedfrequency.TheI
andYinputsgeneratenosignificantACorDCcurrentsastheytransition.Theparameterisnottested,butisguaranteedbydesign.
Switching Characteristics over Operating Range
Parameters
Description
Conditions
PI5C3309
Units
Com
Min.
Max.
tIY
PropogationDelay(1,2)INtoYN
0.25
tSY
BusSelectTimeSNtoYN
CL=50pF
RL=500Ω
0.5
6.6
ns
tPZH
tPZL
BusEnableTimeSNtoYN
0.5
6.0
tPHZ
tPLZ
BusDisableTimeSNtoYN
0.5
6.0
Notes:
1. ThisparameterisguaranteedbutnottestedonPropagationDelays.
2. ThebusswitchcontributesnopropagationaldelayotherthantheRCdelayoftheOn-Resistanceoftheswitchandtheload
capacitance.Thetimeconstantfortheswitchaloneisoftheorderof0.25nsfor50pFload.Sincethistimeconstantismuch
smallerthantherise/falltimesoftypicaldrivingsignals,itaddsverylittlepropagationaldelaytothesystem.Propagationalde-
layofthebusswitchwhenusedinasystemisdeterminedbythedrivingcircuitonthedrivingsideoftheswitchanditsinterac-
tionwiththeloadonthedrivenside.
12-0242


Similar Part No. - PI5C3309_12

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309L PERICOM-PI5C3309L Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3309UX PERICOM-PI5C3309UX Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results

Similar Description - PI5C3309_12

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
ON Semiconductor
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
   Dual 4:1 Mux/DeMux Bus Switch
Integrated Device Technology
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz