Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5C3309 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part No. PI5C3309
Description  3:1 Mux/DeMux Bus Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3309 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3309_12 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3309_12 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3309_12 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3309_12 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PI5C3309
3:1 Mux/DeMux Bus Switch
4
www.pericom.com
P-0.1
08/03/12
Ordering Information
Ordering Code
Packaging Code
Package Description
PI5C3309UEX
U
Pb-free&Green,8-pinMSOP
Notes:
Thermalcharacteristicscanbefoundonthecompanywebsiteatwww.pericom.com/packaging/
E=Pb-free&Green
• AddinganXsuffix=Tape/Reel
PericomSemiconductorCorporation • 1-800-435-2336 • www.pericom.com
15
˚ MAX
15
˚ MAX
Detail A
Detail A
.112
.120
2.85
3.05
.114
.122
2.90
3.10
.114
.122
2.90
3.10
.010
0
˚-6˚
15˚ Max.
15˚ Max.
0.25
Gauge
Plane
.003
.012
.016
.028
.037
0.40
0.70
0.95
REF
0.07
0.30
.003
.012
0.07
0.30
DESCRIPTION: 8-Pin Mini Small Outline Package, MSOP
PACKAGE CODE: U
DOCUMENT CONTROL NO.
PD - 1261
REVISION: E
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Notes:
1) Controlling Dimensions inMillimeters
2) Ref. JEDEC MO-187E/AA
Note:
• Forlatestpackageinfo,pleasecheck:http://www.pericom.com/products/packaging/mechanicals.php
12-0242


Similar Part No. - PI5C3309_12

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309L PERICOM-PI5C3309L Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3309UX PERICOM-PI5C3309UX Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results

Similar Description - PI5C3309_12

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
ON Semiconductor
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
   Dual 4:1 Mux/DeMux Bus Switch
Integrated Device Technology
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz