Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C3303 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C3303
Description  SOTiny 2:1 Mux/DeMux Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3303 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C3303_09 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3303_09 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
PS8367F
10/26/09
Description
Pericom Semiconductor’s PI5C3303 is a single 2:1 Mux/DeMux
digital switch designed with a fast enable. When enabled using the
Bus Enable (BE) pin, the “A” or “B” pin is directly connected to
the “C” pin. The bus switch introduces no additional propagation
delay or additional ground bounce noise.
The PI5C3303 device has an active HIGH enable.
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.1µA typical)
– Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
– 6-pin plastic S0T23 (T)
Block Diagram
Pin Configuration
A
C
B
BE
PI5C3303
SOTiny2:1 Mux/DeMux Bus Switch
Truth Table(1, 2)
BE
A
B
C
Function
L
C
X
A
Connect A & C
H
X
C
B
Connect B & C
Pin Description
Pin Name
Description
BE
Switch Enable
A
Bus A at pin 6
B
Bus B at pin 4
C
Bus C at pin 5
VCC
Power
GND
Ground
Notes:
1. H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
2. A = I/O at pin 6
B = I/O at pin 4
C = I/O at pin 5
1
2
3
6
5
4
A
C
B
BE
VCC
GND
09-0001


Similar Part No. - PI5C3303_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303TEX PERICOM-PI5C3303TEX Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
PI5C3303TX PERICOM-PI5C3303TX Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI5C3303TX PERICOM-PI5C3303TX Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
More results

Similar Description - PI5C3303_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com