Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3WVR12612NEEX Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3WVR12612NEEX
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12612NEEX Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3WVR12612NEEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3WVR12612NEEX Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
PI3WVR12612
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
Fig 8. Differential output Eye at Input signal is a 27-1 PRBS, Vdd=3.0V, 25C,
Input swing is 800mV differential
Fig 9. Differential output Eye at Input signal is a 27-1 PRBS, Vdd=3.0V, 25C,
Input swing is 800mV differential
15-0175


Similar Part No. - PI3WVR12612NEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12412ZHE PERICOM-PI3WVR12412ZHE Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
More results

Similar Description - PI3WVR12612NEEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
   HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
PI3WVR13612 DIODES-PI3WVR13612 Datasheet
554Kb / 1P
   DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
   DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P137-06N-H2V2 TRIPPLITE-P137-06N-H2V2 Datasheet
165Kb / 3P
   Keyspan Mini DisplayPort 1.2 to HDMI 2.0 Active Adapter/Video Converter (M/F), Thunderbolt 1 & 2 Compatible, 4K x 2K @ 60Hz, HDMI 2.0, HDCP 2.2, 6 in.
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
   Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
   4-Lane DisplayPort Rev 1.2 Compliant Switch
logo
Tripp Lite. All Rights ...
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
   DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
   DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com