Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDUMNH16HVAT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMNH16HVAT
Description  3.7kW Single-Phase 230V ATS/Monitored PDU, IEC309 16A Blue Outlet, 2 IEC309 16A Blue Inputs, 1U Rack-Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMNH16HVAT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMNH16HVAT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMNH16HVAT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMNH16HVAT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMNH16HVAT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switches to secondary power source if primary source fails or becomes unstable
1–5 ms transfer time ensures uninterrupted operation of connected equipment
Built-in processor monitors power sources and prevents switching if secondary source is unavailable or of lower quality than primary source
Multifunction Digital Display with LEDs
Reports input status for primary and secondary power sources, power availability, line voltage, frequency, amps, kilowatts and power factor
Advanced Network Monitoring
Built-in Ethernet network interface allows full remote access for power monitoring, configuration, control and notifications via web browser, SSH, telnet or
SNMP
Real-time load/current data with billing-grade accuracy(+/- 1 percent)
Tiered access privileges allow both an administrator and guest to log in
Optional ENVIROSENSE module(sold separately) monitors temperature and humidity
Broad Communications Compatibility
Supports HTTP, HTTPS, PowerAlert® Network Management System, SMTP, SNMPv1, SNMPv2, SNMPv3, Telnet, SSH, FTP, DHCP, BOOTP and NTP
10/100 Mbps auto-sensing for communication with 10/100 Base-T networks
Mounts Horizontally in 1U of Rack Space
Compatible with EIA-standard 19 in. 4-post racks and rack enclosures
Optional PDU4PKIT rail kit(sold separately) adds rear mounting support
Specifications
OVERVIEW
PDU Type
Monitored; Auto-Transfer Switch
OUTPUT
Output Capacity Details
3.8kW (240V); 3.7kW (230V); 3.5kW (220V); 3.3kW (208V); 3.2kW (200V); 16A maximum
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(1) IEC309 16A BLUE (2P+E)
Output Nominal Voltage
240, 230, 220, 208, 200
Overload Protection
n/a
INPUT
PDU Input Voltage
200; 208; 220; 230; 240
Recommended Electrical Service
16A 230V
Maximum Input Amps
16
PDU Plug Type
IEC-309 16A BLUE (2P+E)
Input Cord Details
Set of two input cables for separate PRIMARY and SECONDARY input connections
2 / 4


Similar Part No. - PDUMNH16HVAT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH20 TRIPPLITE-PDUMNH20 Datasheet
157Kb / 3P
   1.9kW Single-Phase Monitored PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12 ft. (3.66 m) Cord, 1U Rack-Mount, LX Platform Interface, TAA
PDUMNH20HV TRIPPLITE-PDUMNH20HV Datasheet
160Kb / 4P
   3.2-3.8kW Single-Phase Monitored PDU, 208/220/230/240V Outlets (8-C13), C20/L6-20P Adapter, 8ft Cord, 1U Rack-Mount; TAA Compliant
PDUMNH20HVAT TRIPPLITE-PDUMNH20HVAT Datasheet
173Kb / 4P
   3.8kW Single-Phase Monitored Automatic Transfer Switch PDU, 2 208/240V 20A L6-20P Inputs, 1 L6-20R Outlet, 1U
PDUMNH20HVAT1 TRIPPLITE-PDUMNH20HVAT1 Datasheet
159Kb / 3P
   3.8kW 200??40V Single-Phase ATS/Monitored PDU - 8 C13 and 2 C19 Outlets, Dual C20 Inlets, 12 ft. Cords, Network Card, 1U, TAA
PDUMNH30HV TRIPPLITE-PDUMNH30HV Datasheet
169Kb / 4P
   5/5.8kW Single-Phase Monitored PDU with LX Platform Interface, 208/240V Outlets (12-C13 and 4-C19), L6-30P, 12ft Cord, 2U Rack-Mount, TAA
More results

Similar Description - PDUMNH16HVAT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMNH32HVAT TRIPPLITE-PDUMNH32HVAT Datasheet
504Kb / 4P
   7.4kW Single-Phase 230V ATS/Monitored PDU, IEC309 32A Blue Outlet, 2 IEC309 32A Blue Inputs, 1U Rack-Mount
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
   TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMH32HVATNET TRIPPLITE-PDUMH32HVATNET Datasheet
515Kb / 4P
   TAA-Compliant 7.4kW Single-Phase ATS/Switched PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDUMV16HV TRIPPLITE-PDUMV16HV Datasheet
158Kb / 3P
   3.84kW Single-Phase Metered PDU, 200/220/230/240V Outlets (32-C13, 6-C19), IEC309 16A Blue 16A, 0U Vertical
logo
Schneider Electric
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
   Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
AP7921B SCHNEIDER-AP7921B Datasheet
72Kb / 2P
   Rack PDU, Switched, 1U, 16A, 208/230V, (8)C13
Jun 14, 2020
logo
Tripp Lite. All Rights ...
PDU330AT6L21 TRIPPLITE-PDU330AT6L21 Datasheet
494Kb / 3P
   8.6kW 3-Phase 208V Monitored-ATS PDU, 2L21-30P, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
PDU350AT6H50 TRIPPLITE-PDU350AT6H50 Datasheet
491Kb / 3P
   12.6kW 3-Phase 208V Monitored-ATS PDU, 2 Hubbell 50A CS8365C, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
PDU330AT6L15 TRIPPLITE-PDU330AT6L15 Datasheet
499Kb / 3P
   8.6kW 3-Phase 208V Monitored-ATS PDU, 2L15-30P, 10ft Cords, 1U Rack-Mount (0U Vertical outlet accessory sold separately)
PDU12IEC TRIPPLITE-PDU12IEC Datasheet
158Kb / 3P
   1.6/3.8kW Single-Phase 100??40V Basic PDU, 14 Outlets (12 C13 & 2 C19), C20 16A Input, 1U Rack-Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com