Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3VDP12412NEE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412NEE
Description  4-Lane DisplayPort Rev 1.2 Compliant Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412NEE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3VDP12412NEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
12/17/12
Features
Î
Î
4-lane, 1:2 mux/demux that will support RBR, HBR1, or
HBR2
Î
Î
1-channel 1:2 mux/demux for DP_HPD signal
Î
Î
1-differential channel 1:2 mux/demux for DP_Aux signal
with support up to 720Mbps
Î
Î
-1.6dB Insertion Loss for Dx channels @ 2.7 GHz (TQFN)
Î
Î
-3dB Bandwidth for Dx channels: 4.6GHz (TQFN)
Î
Î
Return loss for Dx channels @ 2.7GHz: -16dB (TQFN)
Î
Î
Low Bit-to-Bit Skew , 5ps typ (between '+' and '-' bits)
Î
Î
Low Crosstalk for high speed channels: -28dB@5.4 Gbps
Î
Î
Low Off Isolation for high speed channels: -22dB@5.4 Gbps
Î
Î
VDD Operating Range: 3.3V +/-10%
Î
Î
ESD Tolerance: 2kV HBM
Î
Î
Low channel-to-channel skew, 35ps max
Î
Î
Packaging (Pb-free & Green):
à
42 TQFN (ZHE)
à
48 BGA (NEE)
Description
Pericom Semiconductor’s PI3VDP12412 mux/demux is targeted
for next generation digital video signals. This device can be used
to connect a DisplayPort™ Source to two Independent Display-
Port Sinks or to connect two DisplayPort sources to a single DP
display.
PI3VDP12412 supports DisplayPort 1.2 which requires a data
rate of 5.4 Gbps. PI3VDP12412 offers excellent signal integrity at
this high data rate with very low insertion loss, good return loss,
and very small crosstalk.
PI3VDP12412 is available in two package types, a 5 mm x 5 mm
48 BGA and a 3.5 mm x 9 mm 42 TQFN. The BGA consumes less
board space. The TQFN achieves slightly better signal integrity.
Application
Routing of DisplayPort signals with low signal attenuation be-
tween source and sink.
Block Diagram
PI3VDP12412
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
D0+
D0
D1+
D1
D2+
D2-
D3+
D3-
AUX+
AUX-
HPD
D0+A
D0
-A
D1+A
D1
-A
D0+B
D0-B
D1+B
D1-B
D2+A
D2-A
D3+A
D3-A
D2+B
D2-B
D3+B
D3-B
-
-
Logic
Control
GPU_SEL
AUX+ A
AUX-A
HPD A
AUX+ B
AUX- B
HPD B
OE
AUX_HPD_SEL (TQFN package only)
DDC_AUX_SEL (BGA package only)
SCL_A (BGA package only)
SDA_A (BGA package only)
SCL_B (BGA package only)
SDA_B (BGA package only)
12-0293


Similar Part No. - PI3VDP12412NEE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3VDP12412NEE DIODES-PI3VDP12412NEE Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
More results

Similar Description - PI3VDP12412NEE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
   4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Pericom Semiconductor C...
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
   2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP612-A PERICOM-PI3VDP612-A_11 Datasheet
1Mb / 16P
   4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
PI3VDP612-A PERICOM-PI3VDP612-A Datasheet
91Kb / 2P
   4-Lane DisplayPort Rev 1.1a Compliant Switch with Triple Control Logic for Fast Switching
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
   DisplayPort 20Gbps 4-lane linear redriver
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
   DisplayPort Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
   HDMI 2.0, DisplayPort 1.2 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com