Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLB056U2R0K1000TC1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CLB056U2R0K1000TC1
Description  Custom made type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CLB056U2R0K1000TC1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CLB056U2R0K1000TC1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CLB056U2R0K1000TC1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
CLB056U2R0K1000TC1
Specifications
Shape
SMD
Operating Temperature Range
-
55
to
125
Length_Width (size)
L 0.50 X W 0.50mm
Thickness
0.35mm
Thickness Tolerance
(max)
Rated Voltage
100Vdc
Capacitance
(25
)
2pF
Torelance
±10%
Temperature Characteristics (-25 to
85
)
-
750±60ppm/
Withstanding Voltage
250Vdc
Resistance
℃:
25
100000MΩmin.
2 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/05/24


Similar Part No. - CLB056U2R0K1000TC1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CLB056U2R0K1000TC1 MURATA1-CLB056U2R0K1000TC1 Datasheet
180Kb / 2P
   Microwave Integrated Circuits
Last updated05/31/2022
CLB056U2R0K1000TC1 MURATA1-CLB056U2R0K1000TC1_V01 Datasheet
180Kb / 2P
   Microwave Integrated Circuits
Last updated05/31/2022
More results

Similar Description - CLB056U2R0K1000TC1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CLB05W1201Z1000TC1 MURATA-CLB05W1201Z1000TC1 Datasheet
161Kb / 2P
   Custom made type
CLB05F9111M1000TC1 MURATA-CLB05F9111M1000TC1 Datasheet
163Kb / 2P
   Custom made type
CLB05W1151Z1000TC1 MURATA-CLB05W1151Z1000TC1 Datasheet
161Kb / 2P
   Custom made type
CLB09B5111K1000TC1 MURATA-CLB09B5111K1000TC1 Datasheet
161Kb / 2P
   Custom made type
CLB055C0R4B1000TC1 MURATA-CLB055C0R4B1000TC1 Datasheet
162Kb / 2P
   Custom made type
CLB056U1R3K1000TC1 MURATA-CLB056U1R3K1000TC1 Datasheet
163Kb / 2P
   Custom made type
CLB056U1R6K1000TC1 MURATA-CLB056U1R6K1000TC1 Datasheet
161Kb / 2P
   Custom made type
CLB095C0R9B1000TC1 MURATA-CLB095C0R9B1000TC1 Datasheet
160Kb / 2P
   Custom made type
CLB05B5270K1000TC1 MURATA-CLB05B5270K1000TC1 Datasheet
161Kb / 2P
   Custom made type
CLB05B5390K1000TC1 MURATA-CLB05B5390K1000TC1 Datasheet
163Kb / 2P
   Custom made type
CLB05B5430K1000TC1 MURATA-CLB05B5430K1000TC1 Datasheet
163Kb / 2P
   Custom made type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com