Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N200-005-BK Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N200-005-BK
Description  Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 5 ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N200-005-BK Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N200-005-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N200-005-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Meets most current industry standards, including IEEE 802.3ab, IEEE 802.5, ANSI/EIA/TIA 568, ISO/IEC 11801 and ETL (category 6 draft 11)
Specifications
INPUT
Cable Length (ft.)
5
Cable Length (m)
1.52
PHYSICAL
Color
Black
CONNECTIONS
Connector A
RJ45 (MALE)
Connector B
RJ45 (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - N200-005-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N200-005-BL TRIPPLITE-N200-005-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 5 ft.
More results

Similar Description - N200-005-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N201-005-BK TRIPPLITE-N201-005-BK Datasheet
159Kb / 3P
   Cat6 Gigabit Snagless Molded Patch Cable (RJ45 M/M) - Black, 5-ft.
N200-005-BL TRIPPLITE-N200-005-BL Datasheet
506Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 5 ft.
N200-001-BK TRIPPLITE-N200-001-BK Datasheet
490Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 1 ft.
N200-050-BK TRIPPLITE-N200-050-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 50 ft.
N200-003-BK TRIPPLITE-N200-003-BK Datasheet
490Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 3 ft.
N200-020-BK TRIPPLITE-N200-020-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 20 ft.
N200-007-BK TRIPPLITE-N200-007-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 7 ft.
N200-010-BK TRIPPLITE-N200-010-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 10 ft.
N200-015-BK TRIPPLITE-N200-015-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 15 ft.
N200-014-BK TRIPPLITE-N200-014-BK Datasheet
489Kb / 2P
   Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Black, 14 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com